Electronic Components Datasheet Search
  English  ▼

X  

SA4301ASAR Datasheet(PDF) 2 Page - Sames

Part # SA4301ASAR
Description  Polyphase Energy Metering IC with Pulse Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4301ASAR Datasheet(HTML) 2 Page - Sames

  SA4301ASAR Datasheet HTML 1Page - Sames SA4301ASAR Datasheet HTML 2Page - Sames SA4301ASAR Datasheet HTML 3Page - Sames SA4301ASAR Datasheet HTML 4Page - Sames SA4301ASAR Datasheet HTML 5Page - Sames SA4301ASAR Datasheet HTML 6Page - Sames SA4301ASAR Datasheet HTML 7Page - Sames SA4301ASAR Datasheet HTML 8Page - Sames SA4301ASAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SPEC-1538 (REV. 7)
2/23
29-09-2017
SA4301A
ELECTRICAL CHARACTERISTICS
(VDD - VSS = 5V ± 10%, over the temperature range -40°C to +85°C, unless otherwise specified. Refer to Figure 2
“Test circuit for
electrical characteristics”.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
General
Supply Voltage:
Positive
VDD
2.25
2.5
2.75
V
With respect to AGND
Supply Voltage:
Negative
VSS
-2.75
-2.5
-2.25
V
With respect to AGND
Supply Current:
Positive
IDD
7.5
10.5
mA
Supply Current:
Negative
ISS
-7.5
-10.5
mA
Analog Inputs
Current Sensor Inputs
(Differential)
Input Current Range
IRIIP1, IRIIP2, IRIIP3,
IRIIN1, IRIIN2, IRIIN3
-25
25
µA
Peak value
Offset Voltage
VOIIP1, VOIIP2, VOIIP3,
VOIIN1, VOIIN2, VOIIN3
-4
4
mV
With R = 4.7k
 connected
to AGND
Voltage Sensor Inputs
(Asymmetrical)
Input Current Range
IRIVP1, IRIVP2, IRIVP3
-25
25
μA
Peak value
Offset Voltage
VOIVP1, VOIVP2, VOIVP3
-4
4
mV
With R = 4.7k
 connected
to AGND
Digital Inputs
Pull-up/down Current on
RA, RB, MS, FMS*
IPUD
1.5
5.5
mA
State Change Detection
Time for Digital Inputs
TST
20
ms
RA, RB, MS, FMS
Input High Voltage
Input Low Voltage
VIH
VIL
VDD-1
VSS+1
V
V
Digital Outputs
LED Output Frequency in
FAST Mode
FMAX
4.5
5
5.5
kHz
16μARMS input current per
channel
LED, PH1, PH2, PH3
Output High Voltage
Output Low Voltage
VOH
VOL
VDD-1
VSS+1
V
V
ISOURCE = 5mA
ISINK = 5mA
MOP, MON, PH/DIR
Output High Voltage
Output Low Voltage
VOH
VOL
VDD-1
VSS+1
V
V
ISOURCE = 10mA
ISINK = 10mA
* This is the actual pull-
up/down current during pin state scanning which is active for 70μs every 20ms. The average pull-up/down
current is therefore between 5μA and 20μA.
During manufacturing, testing and shipment we take great care to protect our products against potential external
environmental damage such as Electrostatic Discharge (ESD). Although our products have ESD protection circuitry,
permanent damage may occur on products subjected to high-energy electrostatic discharges accumulated on the
human body and/or test equipment that can discharge without detection. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality during product handling.
ATTENTION:
Electrostatic
sensitive device.
Requires special
handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com