Electronic Components Datasheet Search
  English  ▼

X  

SA4301ASAR Datasheet(PDF) 12 Page - Sames

Part # SA4301ASAR
Description  Polyphase Energy Metering IC with Pulse Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4301ASAR Datasheet(HTML) 12 Page - Sames

Back Button SA4301ASAR Datasheet HTML 8Page - Sames SA4301ASAR Datasheet HTML 9Page - Sames SA4301ASAR Datasheet HTML 10Page - Sames SA4301ASAR Datasheet HTML 11Page - Sames SA4301ASAR Datasheet HTML 12Page - Sames SA4301ASAR Datasheet HTML 13Page - Sames SA4301ASAR Datasheet HTML 14Page - Sames SA4301ASAR Datasheet HTML 15Page - Sames SA4301ASAR Datasheet HTML 16Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SPEC-1538 (REV. 7)
12/23
29-09-2017
SA4301A
Mode Select (MS)
The Mode Select (MS) input is used to set different operation
modes of the device as illustrated in Table 4. The MS input
controls the programmable adder. This adder sums the
individual channel energy values. The summing mode as well
as the channel section, when in calibration mode, can be
controlled.
Table 4: Adder mode selection via the MS input
MS Input
Programmable Adder Mode
VSS
Total Sum
VDD
Absolute Sum
Floating
Single Phase Calibration
PH/DIR
Sum of Positive Energy
Total Sum: The total sum mode is the arithmetic sum of the
three active energies, ETOT = ECH1 + ECH2 + ECH3. The direction
of the energy flow is taken into account during all calculations.
Therefore negative energy flow will effectively be subtracted
from positive energy flow. Setting MS to VSS selects the total
sum mode.
Absolute Sum: The absolute sum is the arithmetic sum of
the three active energies that is obtained by disregarding the
direction of energy flow, ETOT = |ECH1| + |ECH2| + |ECH3|. The
absolute value of each channels energy is taken before
summing. Setting MS to VDD sets absolute sum mode.
Sum of Positive (Import) Energy: The sum of positive
energy is the arithmetic sum of the positive active energies
registered on the three channels only. If a specific channel
detects negative energy, this energy is not included in the
sum.
Connecting
the
MS
pin
to
PH/DIR
sets
the
programmable adder to the sum of positive energy summing
mode.
Single Phase Calibration: The SA4301A can also be set to
a single phase calibration mode by leaving the MS pin
floating. In this mode it is possible to enable each channel
individually. This is intended for meter calibration. The
programmable adder uses only the energy from the selected
channel, the remaining two channels are effectively internally
masked and do not require external disconnection. The value
on RA determines the channel that requires calibration as
listed in Table 5. The initial value of RA as detected before
the single phase calibration mode is enabled is internally
saved so that the meter constant is not affected by changing
RA during single phase calibration mode. If the single phase
calibration mode is detected at device start-up this internal
value for RA defaults to logic 0 (RA = VSS).
Table 5: Channel selection in single phase calibration mode
via the RA input
RA Input
Selected Channel
VSS
1
VDD
2
Floating
3
PH/DIR
None
OUTPUT SIGNALS
LED Output (LED)
The LED output pin provides a pulse output with a frequency
proportional to the average active energy consumption
measured when in STANDARD mode or FAST mode. A low
pass filter is applied to the instantaneous energy output
directly
after
multiplication.
This
filtering
allows
all
instantaneous components to be removed resulting in a
constant output frequency at constant energy input, even
over a short period of time. The delay of this filter is about
200ms.
The LED output is primarily used for calibration purposes.
The Rated Condition Select inputs (RA, RB) and the Fast
Mode Select input (FMS) allow different nominal output
frequencies to be selected. The FMS input also allows
selection between STANDARD mode and FAST mode. The
LED output is active low. Figure 9 shows the LED output
waveform.
In FAST mode the LED pulse output is set to a nominal
frequency of 5kHz at an input current of 16µARMS on each of
the three current and voltage channels.
The nominal output frequency of the LED pin is given by
����������������_���������������� = 5000 ×
|
��������1 × ��������1 × cos ����1 + ��������2 × ��������2 × cos ����2 + ��������3 × ��������3 × cos ����3
3 × 162
|
…(3)
in FAST mode where
IVX and IIX are the analog input currents in µARMS on the
voltage and current sense inputs on channel X and
X is the phase angle between the current and voltage signals
on channel X.
Equation 3 is valid for total sum mode. If any other
programmable adder mode is selected then the above
equation has to be modified. In absolute sum mode the
absolute value of each cos
X has to be taken, in sum of
positive energy mode any cos
X that is negative has to be set
to zero and in single phase calibration mode the cos
X of the
non-selected channels has to be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com