Electronic Components Datasheet Search
  English  ▼

X  

SA4301ASAR Datasheet(PDF) 1 Page - Sames

Part # SA4301ASAR
Description  Polyphase Energy Metering IC with Pulse Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4301ASAR Datasheet(HTML) 1 Page - Sames

  SA4301ASAR Datasheet HTML 1Page - Sames SA4301ASAR Datasheet HTML 2Page - Sames SA4301ASAR Datasheet HTML 3Page - Sames SA4301ASAR Datasheet HTML 4Page - Sames SA4301ASAR Datasheet HTML 5Page - Sames SA4301ASAR Datasheet HTML 6Page - Sames SA4301ASAR Datasheet HTML 7Page - Sames SA4301ASAR Datasheet HTML 8Page - Sames SA4301ASAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Polyphase Energy Metering IC with Pulse Outputs
and Anti-Tamper Features
SPEC-1538 (REV. 7)
1/23
29-09-2017
SA4301A
FEATURES
Meets the IEC62053, CBIP-88 and IS137799-1999
specification requirements for Class 1 AC static watt-
hour meters for active energy
Motor drive outputs (MOP, MON) provide average active
power information and can drive an electro-mechanical
counter or an impulse counter directly
LED pulse output for calibration purposes supplies
average active power information
Configurable for different meter ratings
Per phase energy direction indication
Per phase missing phase indication
Phase sequence error indication
Precision on-chip oscillator (70ppm/°C drift)
Precision on-chip voltage reference (10ppm/°C drift)
On-chip anti-creep function (0.005% of EMAX)
Low power consumption (<40mW typical)
Measures AC inputs only
DESCRIPTION
The SA4301A is an accurate polyphase power/energy
metering integrated circuit providing a single chip solution for
three phase energy meters. Very few external components
are required and the chip includes a direct drive capability for
electro-mechanical counters. The SA4301A does not require
an external crystal or voltage reference. A precision oscillator
and a precision voltage reference to supply the circuitry with
a stable frequency and stable reference currents are
integrated on the chip.
The SA4301A metering integrated circuit generates a pulse
output, the frequency of which is proportional to the active
power consumption.
Programmable inputs allow the meter manufacturer to
configure the SA4301A for different meter maximum
currents (IMAX) and nominal voltages (VNOM) without having to
change the stepper motor counter or impulse counter gear
ratio. The LED pulse output follows the average active power
consumption measured and is intended for meter calibration
purposes. In fast calibration mode this output provides a high
frequency pulse rate following the average active power
consumption and can be used for fast calibration or to
interface with a microcontroller.
The SA4301A includes an anti-creep feature preventing any
creep effects in the meter under no-load conditions.
The SA4301A integrated circuit is available in a 24 pin small
outline (SOIC24) RoHS compliant package.
Figure 1: Block diagram
VREF
VSS
MON
MOP
COUNTER
DRIVE
BUFFERS
DIVISION
FOR
COUNTER OUTPUT
OSCILLATOR
AND
TIMING
VOLTAGE REFERENCE
AND
CURRENT BIASING
VOLTAGE
CHANNEL 3
ADC
CURRENT
CHANNEL 3
ADC
AGND
IVP3
IIN3
IIP3
VDD
POWER ON
RESET
DIGITAL
OUTPUT
DIGITAL
OUTPUT
Instantaneous
power
SIGNAL PROCESSING
Average
power
DIVISION
FOR
CALIBRATION
LED OUTPUT
LED
VOLTAGE
CHANNEL 2
ADC
CURRENT
CHANNEL 2
ADC
IVP2
IIN2
IIP2
VOLTAGE
CHANNEL 1
ADC
CURRENT
CHANNEL 1
ADC
IVP1
IIN1
IIP1
DIGITAL
OUTPUT
DIGITAL
OUTPUT
DIGITAL
OUTPUT
DIGITAL
OUTPUT
LPF
Instantaneous
power
Average
power
LPF
Instantaneous
power
Average
power
LPF
PROGRAMMABLE
ADDER
ABS
|X|
ABS
|X|
ABS
|X|
MODE
PIN STATE
DETECTION
RA
RB
FMS
MS
CHANNEL
MAINS FAIL
DETECTION
MAINS FAIL
DETECTION
MAINS FAIL
DETECTION
ENERGY
DIRECTION
ENERGY
DIRECTION
ENERGY
DIRECTION
TAMPER
CONDITION
AND
STATUS SIGNAL
DETERMINATION
PH/DIR
OUTPUT
MULTIPLEXER
AND
DRIVER
PH1
PH2
PH3
PULSE
GENERATION
ANTI-CREEP
THRESHOLD
ANTI-CREEP
THRESHOLD
ANTI-CREEP
THRESHOLD


Similar Part No. - SA4301ASAR

ManufacturerPart #DatasheetDescription
logo
Sames
SA4301A SAMES-SA4301A Datasheet
423Kb / 14P
Evaluation Module for SA4301A and SA9105G
More results

Similar Description - SA4301ASAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AARZ AD-ADE7752AARZ Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752ARZ AD-ADE7752ARZ Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com