Electronic Components Datasheet Search
  English  ▼

X  

AD7723 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 4 Page - Analog Devices

  AD7723 Datasheet HTML 1Page - Analog Devices AD7723 Datasheet HTML 2Page - Analog Devices AD7723 Datasheet HTML 3Page - Analog Devices AD7723 Datasheet HTML 4Page - Analog Devices AD7723 Datasheet HTML 5Page - Analog Devices AD7723 Datasheet HTML 6Page - Analog Devices AD7723 Datasheet HTML 7Page - Analog Devices AD7723 Datasheet HTML 8Page - Analog Devices AD7723 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AD7723
Rev. C | Page 3 of 32
SPECIFICATIONS1
AVDD = DVDD = 5 V ± 5%; AGND = AGND1 = AGND2 = DGND = 0 V; fCLKIN = 19.2 MHz; REF2 = 2.5 V; TA = TMIN to TMAX, unless
otherwise noted.
Table 1.
B Version
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC SPECIFICATIONS2, 3
HALF_PWR = 0 to 1
fCLKIN = 10 MHz when HALF_PWR = 1
Decimate by 32
Bipolar Mode
Signal to Noise
Full Power
2.5 V reference
87
90
dB
3 V reference
88.5
91
dB
Half Power
86.5
89
dB
Total Harmonic Distortion4
−96
−90
dB
Spurious-Free Dynamic Range4
2.5 V reference
−92
dB
3 V reference
−90
dB
Unipolar Mode
Signal to Noise
87
dB
Total Harmonic Distortion4
−89
dB
Spurious-Free Dynamic Range4
−90
dB
Band-Pass Filter Mode
Bipolar Mode
Signal to Noise
76
79
dB
Decimate by 16
Bipolar Mode
Signal to Noise
Measurement bandwidth = 0.383 × FO
2.5 V reference
82
86
dB
3 V reference
83
87
dB
Signal to Noise
Measurement bandwidth = 0.5 × FO
78
81.5
dB
Total Harmonic Distortion4
2.5 V reference
−88
dB
Spurious-Free Dynamic Range4
3 V reference
−86
dB
2.5 V reference
−90
dB
3 V reference
−88
dB
Unipolar Mode
Signal to Noise
Measurement bandwidth = 0.383 × FO
84
dB
Signal to Noise
Measurement bandwidth = 0.5 × FO
81
dB
Total Harmonic Distortion4
−89
dB
DIGITAL FILTER RESPONSE
Low-Pass Decimate by 32
0 kHz to fCLKIN/83.5
±0.001
dB
fCLKIN/66.9
−3
dB
fCLKIN/64
−6
dB
fCLKIN/51.9 to fCLKIN/2
−90
dB
Group Delay
1293/2 fCLKIN
Settling Time
1293/fCLKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com