Electronic Components Datasheet Search
  English  ▼

X  

AD7723 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7723 Datasheet HTML 16Page - Analog Devices AD7723 Datasheet HTML 17Page - Analog Devices AD7723 Datasheet HTML 18Page - Analog Devices AD7723 Datasheet HTML 19Page - Analog Devices AD7723 Datasheet HTML 20Page - Analog Devices AD7723 Datasheet HTML 21Page - Analog Devices AD7723 Datasheet HTML 22Page - Analog Devices AD7723 Datasheet HTML 23Page - Analog Devices AD7723 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
AD7723
Rev. C | Page 19 of 32
Figure 32 shows the frequency response of the digital filter in
both low-pass and band-pass modes. Due to the sampling
nature of the converter, the pass-band response is repeated
about the input sampling frequency, fCLKIN, and at integer
multiples of fCLKIN. Out-of-band noise or signals coincident with
any of the filter images are aliased down to the pass band.
However, due to the AD7723’s high oversampling ratio, these
bands occupy only a small fraction of the spectrum, and most
broadband noise is attenuated by at least 90 dB. In addition, as
shown in Figure 33, with even a low-order filter, there is
significant attenuation at the first image frequency. This
contrasts with a normal Nyquist rate converter where a very
high-order antialias filter is required to allow most of the
bandwidth to be used while ensuring sufficient attenuation at
multiples of fCLKIN.
fCLKIN
0
1.0
0.5
0dB
–100dB
Figure 29. Low-Pass Filter Decimate by 16
0
1.0
0.5
0dB
–100dB
fCLKIN
Figure 30. Low-Pass Filter Decimate by 32
0
1.0
0.5
0dB
–100dB
fCLKIN
Figure 31. Band-Pass Filter Decimate by 32
1
fCLKIN
2
fCLKIN
3
fCLKIN
0dB
Figure 32. Digital Filter Frequency Response
fCLKIN/32
0dB
fCLKIN
REQUIRED
ATTENUATION
ANTIALIAS FILTER
RESPONSE
OUTPUT
DATA RATE
Figure 33. Frequency Response of Antialias Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com