Electronic Components Datasheet Search
  English  ▼

X  

AD7723 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7723 Datasheet HTML 15Page - Analog Devices AD7723 Datasheet HTML 16Page - Analog Devices AD7723 Datasheet HTML 17Page - Analog Devices AD7723 Datasheet HTML 18Page - Analog Devices AD7723 Datasheet HTML 19Page - Analog Devices AD7723 Datasheet HTML 20Page - Analog Devices AD7723 Datasheet HTML 21Page - Analog Devices AD7723 Datasheet HTML 22Page - Analog Devices AD7723 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AD7723
Rev. C | Page 18 of 32
CIRCUIT DESCRIPTION
The AD7723 ADC employs a Σ-Δ conversion technique to
convert the analog input into an equivalent digital word. The
modulator samples the input waveform and outputs an
equivalent digital word at the input clock frequency, fCLKIN.
Due to the high oversampling rate that spreads the quantization
noise from 0 to fCLKIN/2, the noise energy contained in the band
of interest is reduced (Figure 27A). To further reduce the
quantization noise, a high-order modulator is employed to
shape the noise spectrum so that most of the noise energy is
shifted out of the band of interest (Figure 27B).
The digital filter that follows the modulator removes the large
out-of-band quantization noise (Figure 27C) while also
reducing the data rate from fCLKIN at the input of the filter to
fCLKIN/32 or fCLKIN/16 at the output of the filter, depending on the
state on the MODE1/MODE2 pins in parallel interface mode or
the SLDR pin in serial interface mode. The AD7723 output data
rate is a little over twice the signal bandwidth, which guarantees
that there is no loss of data in the signal band.
Digital filtering has certain advantages over analog filtering.
First, since digital filtering occurs after the A/D conversion, it
can remove noise injected during the conversion process.
Analog filtering cannot remove noise injected during
conversion. Second, the digital filter combines low pass-band
ripple with a steep roll-off while also maintaining a linear phase
response.
NOISE SHAPING
QUANTIZATION NOISE
DIGITAL FILTER CUTOFF FREQUENCY
fCLKIN/2
BAND OF INTEREST
BAND OF INTEREST
BAND OF INTEREST
A
B
C
fCLKIN/2
fCLKIN/2
Figure 27. Sigma-Delta ADC
The AD7723 employs four or five finite impulse response (FIR)
filters in series. Each individual filter’s output data rate is half
that of the filter’s input data rate. When data is fed to the
interface from the output of the fourth filter, the output data
rate is fCLKIN/16 and the resulting oversampling ratio (OSR) of
the converter is 16. Data fed to the interface from the output of
the fifth filter results in an output data rate of fCLKIN/32 and a
corresponding OSR for the converter of 32. When an output
data rate (ODR) of fCLKIN/32 is selected, the digital filter
response can be set to either low-pass or band-pass. The band-
pass response is useful when the input signal is band limited
because the resulting output data rate is half that required to
convert the band when the low-pass operating mode is used. To
illustrate the operation of this mode, consider a band-limited
signal, as shown in Figure 28A. This signal band can be
correctly converted by selecting the (low-pass) ODR = fCLKIN/16
mode, as shown in Figure 28B. Note that the output data rate is a
little over twice the maximum frequency in the frequency band.
Alternatively, the band-pass mode can be selected, as shown in
Figure 28C. The band-pass filter removes unwanted signals
from dc to just below fCLKIN/64. Rather than outputting data at
fCLKIN/16, the output of the band-pass filter is sampled at
fCLKIN/32. This effectively translates the wanted band to a
maximum frequency of a little less than fCLKIN/64, as shown in
Figure 28D. Halving the output data rate reduces the workload
of any following signal processor and also allows a lower serial
clock rate to be used.
BAND LIMITED SIGNAL
0dB
0dB
ODR
LOW-PASS FILTER RESPONSE
SAMPLE
IMAGE
LOW-PASS FILTER. OUTPUT DATA RATE = fCLKIN/16
0dB
SAMPLE
IMAGE
BAND-PASS FILTER
RESPONSE
BAND-PASS FILTER
fCLKIN/16
LOW-PASS FILTER. OUTPUT DATA RATE =
fCLKIN/32
ODR
SAMPLE
IMAGE
FREQUENCY
TRANSLATED
INPUT SIGNAL
0dB
A
B
C
D
fCLKIN/16
fCLKIN/16
fCLKIN/16
Figure 28. Band-Pass Operation
The frequency response of the three digital filter operating
modes is shown in Figure 29, Figure 30, and Figure 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com