Electronic Components Datasheet Search
  English  ▼

X  

AD7723 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7723 Datasheet HTML 14Page - Analog Devices AD7723 Datasheet HTML 15Page - Analog Devices AD7723 Datasheet HTML 16Page - Analog Devices AD7723 Datasheet HTML 17Page - Analog Devices AD7723 Datasheet HTML 18Page - Analog Devices AD7723 Datasheet HTML 19Page - Analog Devices AD7723 Datasheet HTML 20Page - Analog Devices AD7723 Datasheet HTML 21Page - Analog Devices AD7723 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AD7723
Rev. C | Page 17 of 32
CLOCK FREQUENCY (MHz)
225
150
0
025
0
–120
0
300k
50k
100k
150k
200k
250k
–20
–40
–60
–80
–100
SNR = –89.91dB
SNR + D = –89.7dB
THD = –101.16dB
SFDR = –102.1dB
2ND HARMONIC = –102.1dB
3RD HARMONIC = –110.3dB
AIN = 50kHz
MEASURED BW = 300kHz
–140
–160
FREQUENCY (Hz)
510
15
20
200
175
125
100
AIDD (HALF_POWER = 1)
DIDD
AIDD (HALF_POWER = 0)
75
50
25
Figure 24. Power Consumption vs. CLKIN Frequency
0
–150
0
600k
100k
200k
300k
400k
500k
–25
–50
–75
–100
–125
SNR = –86.19dB
SNR + D = –85.9dB
THD = –96.42dB
SFDR = –99.61dB
2ND HARMONIC = –100.98dB
3RD HARMONIC = –99.61dB
AIN = 100kHz
MEASURED BW = 460kHz
FREQUENCY (Hz)
Figure 25. 16 K Point FFT (Output Data Rate = 1.2 MHz)
Figure 26. 16 K Point FFT (Output Data Rate = 600 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com