Electronic Components Datasheet Search
  English  ▼

X  

AD7723 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7723 Datasheet HTML 25Page - Analog Devices AD7723 Datasheet HTML 26Page - Analog Devices AD7723 Datasheet HTML 27Page - Analog Devices AD7723 Datasheet HTML 28Page - Analog Devices AD7723 Datasheet HTML 29Page - Analog Devices AD7723 Datasheet HTML 30Page - Analog Devices AD7723 Datasheet HTML 31Page - Analog Devices AD7723 Datasheet HTML 32Page - Analog Devices AD7723 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AD7723
Rev. C | Page 29 of 32
OUTLINE DIMENSIONS
0.45
0.30
2.45
MAX
1.03
0.88
0.73
SEATING
PLANE
VIEW A
TOP VIEW
(PINS DOWN)
1
33
34
11
12
23
22
44
PIN 1
13.90
BSC SQ
10.00
BSC SQ
0.25 MIN
2.10
2.00
1.95
7°
0°
0.10
COPLANARITY
VIEW A
ROTATED 90° CCW
10°
6°
2°
0.23
0.11
0.80 BSC
LEAD PITCH
LEAD WIDTH
COMPLIANT TO JEDEC STANDARDS MO-112-AA-1
Figure 51. 44-Lead Metric Quad Flat Package [MQFP]
(S-44-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Package
Package Description
Package Outline
AD7723BS
–40°C to +85°C
44-Lead Metric Quad Flat Package (MQFP)
S-44-2
AD7723BS-REEL
–40°C to +85°C
44-Lead Metric Quad Flat Package (MQFP)
S-44-2
AD7723BSZ1
–40°C to +85°C
44-Lead Metric Quad Flat Package (MQFP)
S-44-2
AD7723BSZ-REEL1
–40°C to +85°C
44-Lead Metric Quad Flat Package (MQFP)
S-44-2
EVAL-AD7723CB
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com