Electronic Components Datasheet Search
  English  ▼

X  

AD7723 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7723 Datasheet HTML 3Page - Analog Devices AD7723 Datasheet HTML 4Page - Analog Devices AD7723 Datasheet HTML 5Page - Analog Devices AD7723 Datasheet HTML 6Page - Analog Devices AD7723 Datasheet HTML 7Page - Analog Devices AD7723 Datasheet HTML 8Page - Analog Devices AD7723 Datasheet HTML 9Page - Analog Devices AD7723 Datasheet HTML 10Page - Analog Devices AD7723 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AD7723
Rev. C | Page 6 of 32
TIMING SPECIFICATIONS
AVDD = DVDD = 5 V ± 5%; AGND = AGND1 = DGND = 0 V; fCLKIN = 19.2 MHz; CL = 50 pF; SFMT = logic low or high, CFMT = logic low
or high; TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
CLKIN Frequency
fCLK
1
19.2
MHz
CLKIN Period (tCLK – 1/fCLK)
t1
0.052
1
µs
CLKIN Low Pulse Width
t2
0.45 × t1
0.55 × t1
CLKIN High Pulse Width
t3
0.45 × t1
0.55 × t1
CLKIN Rise Time
t4
5
ns
CLKIN Fall Time
t5
5
ns
FSI Setup Time
t6
0
5
ns
FSI Hold Time
t7
0
5
ns
FSI High Time1
t8
1
tCLK
CLKIN to SCO Delay
t9
25
40
ns
SCO Period2, SCR = 1
t10
2
tCLK
SCO Period2, SCR = 0
t10
1
tCLK
SCO Transition to FSO High Delay
t11
0
5
ns
SCO Transition to FSO Low Delay
t12
0
5
ns
SCO Transition to SDO Valid Delay
t13
5
12
ns
SCO Transition from FSI3
t14
60
tCLK + t2
SDO Enable Delay Time
t15
5
20
ns
SDO Disable Delay Time
t16
5
20
ns
DRDY High Time2
t17
2
tCLK
Conversion Time2 (Refer to Table 3 and Table 4)
t18
16/32
tCLK
CLKIN to DRDY Transition
t19
35
50
ns
CLKIN to DATA Valid
t20
20
35
ns
CS/RD Setup Time to CLKIN
t21
0
ns
CS/RD Hold Time to CLKIN
t22
20
ns
Data Access Time
t23
20
35
ns
Bus Relinquish Time
t24
20
35
ns
SYNC Input Pulse Width
t25
1
tCLK
SYNC Low Time before CLKIN Rising
t26
0
ns
DRDY High Delay after Rising SYNC
t27
25
35
ns
DRDY Low Delay after SYNC Low
t28
2049
tCLK
1 FSO pulses are gated by the release of FSI (going low).
2 Guaranteed by design.
3 Frame sync is initiated on the falling edge of CLKIN.
IOL
1.6mA
1.6V
CL
50pF
TO
OUTPUT
PIN
IOH
200
µA
Figure 2. Load Circuit for Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com