Electronic Components Datasheet Search
  English  ▼

X  

AD7723 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7723 Datasheet HTML 4Page - Analog Devices AD7723 Datasheet HTML 5Page - Analog Devices AD7723 Datasheet HTML 6Page - Analog Devices AD7723 Datasheet HTML 7Page - Analog Devices AD7723 Datasheet HTML 8Page - Analog Devices AD7723 Datasheet HTML 9Page - Analog Devices AD7723 Datasheet HTML 10Page - Analog Devices AD7723 Datasheet HTML 11Page - Analog Devices AD7723 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AD7723
Rev. C | Page 7 of 32
CLKIN
FSI
SCO
2.3V
t4
t5
t7
t6
t9
t3
t2
t1
t10
t9
t8
0.8V
Figure 3. Serial Mode Timing for Clock Input, Frame Sync Input, and Serial Clock Output
CLKIN
FSI
(SFMT = 1)
SCO
(CFMT = 0)
FSO
(SFMT = 0)
FSO
(SFMT = 1)
SDO
32 CLKIN CYCLES
t8
t11
t12
t13
t14
t11
D15
D14
D13
D2
D1
D0
D15
D14
Figure 4. Serial Mode 1: Timing for Frame Sync Input, Frame Sync Output, Serial Clock Output, and Serial Data Output (See Table 3 for Control Inputs, TSI = DOE)
D2
D1
D0
D15
D14
D13
D12
D11
D5
D4
D3
D2
D1
D0
D15
D14
t8
t11
t12
t13
t14
32 CLKIN CYCLES
CLKIN
FSI
SCO
(CFMT = 0)
FSO
SDO
Figure 5. Serial Mode 2: Timing for Frame Sync Input, Frame Sync Output, Serial Clock Output, and Serial Data Output (See Table 3 for Control Inputs, TSI = DOE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com