Electronic Components Datasheet Search
  English  ▼

X  

MRF89XA Datasheet(PDF) 32 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 32 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 28Page - Microchip Technology MRF89XA Datasheet HTML 29Page - Microchip Technology MRF89XA Datasheet HTML 30Page - Microchip Technology MRF89XA Datasheet HTML 31Page - Microchip Technology MRF89XA Datasheet HTML 32Page - Microchip Technology MRF89XA Datasheet HTML 33Page - Microchip Technology MRF89XA Datasheet HTML 34Page - Microchip Technology MRF89XA Datasheet HTML 35Page - Microchip Technology MRF89XA Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 140 page
background image
MRF89XA
DS70000622D-page 32
Preliminary
 2010-2017 Microchip Technology Inc.
2.14.3
FREQUENCY DEVIATION CONTROL REGISTER DETAILS
REGISTER 2-3:
FDEVREG: FREQUENCY DEVIATION CONTROL REGISTER
(ADDRESS:0X02) (POR:0X03)
2.14.4
BIT RATE SET REGISTER DETAILS
REGISTER 2-4:
BRSREG: BIT RATE SET REGISTER (ADDRESS:0x03) (POR:0x07)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
FDVAL<7:0>
bit 7
bit 0
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7-0
FDVAL<7:0>: Frequency Deviation Value bits
The bits indicate single side frequency deviation (in bit value) in FSK Transmit mode.
FDVAL = 00000011  fdev = 100 kHz (default)
Note 1: fdev is used throughout the data sheet to understand the term frequency deviation and is calculated using
FDVAL<7:0> from FDEVREG.
fdev
fxtal
32
FDVAL 1
+


---------------------------------------------------
=
Where,
FDVAL is the value in the register and has the range from 0 ≤ FDVAL ≤ 255. Refer to Section 3.3.3,
fdev Setting in FSK Mode and Section 3.3.4, fdev Setting in OOK Mode for more information on
the fdev setting for FSK and OOK modes.
r
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
—BRVAL<6:0>
bit 7
bit 0
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7
Reserved: Reserved bit; do not use
0 = Reserved (default)
bit 6-0
BRVAL<6:0>: Bit Rate Value bits
These bits set the bit rate (in bit value) of:
Note 1: The Bit Rates are good for crystal frequency of 12.8 MHz which is taken as a reference throughout the
data sheet.
BitRate
fxtal
64 BRVAL 1
+


--------------------------------------------
=
BRVAL<6:0> = 0000111  Bit Rate = 25 kbps NRZ (default)
Where, BRVAL is the value in the register and has the range from 0 ≤ BRVAL ≤ 127.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com