Electronic Components Datasheet Search
  English  ▼

X  

MRF89XA Datasheet(PDF) 4 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 4 Page - Microchip Technology

  MRF89XA Datasheet HTML 1Page - Microchip Technology MRF89XA Datasheet HTML 2Page - Microchip Technology MRF89XA Datasheet HTML 3Page - Microchip Technology MRF89XA Datasheet HTML 4Page - Microchip Technology MRF89XA Datasheet HTML 5Page - Microchip Technology MRF89XA Datasheet HTML 6Page - Microchip Technology MRF89XA Datasheet HTML 7Page - Microchip Technology MRF89XA Datasheet HTML 8Page - Microchip Technology MRF89XA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 140 page
background image
MRF89XA
DS70000622D-page 4
Preliminary
 2010-2017 Microchip Technology Inc.
All critical RF and baseband functions are integrated in
the
MRF89XA,
which
minimizes
the
external
component count and reduces the design time. The RF
communication parameters are made programmable
and most of them may be dynamically set. A
microcontroller, RF SAW filter, 12.8 MHz crystal, and a
few passive components are required to create a
complete, reliable radio function. The MRF89XA uses
several low-power mechanisms to reduce overall
current consumption and extend battery life. Its small
size and low-power consumption makes the MRF89XA
ideal for a wide variety of short-range radio
applications. The MRF89XA complies with European
(ETSI EN 300-220) and United States (FCC Part
15.247 and 15.249) regulatory standards.
Pin Diagram
Figure 1 illustrates the top-view pin arrangement of the
32-pin QFN package.
FIGURE 1:
PIC18FXXXX 32-PIN QFN PIN DIAGRAM
32-Pin QFN
Note 1: Pin 33 (GND) is located on the underside of the IC package.
2: It is recommended to connect Pin 32 (NC) to GND.
1
2
3
4
5
6
7
8
17
18
23
24
21
22
19
20
910
11
12
13
14
15
16
32
31
30
29
28
27
26
25
TEST5
TEST1
VCORS
PLLN
PLLP
TEST6
TEST2
PLOCK
IRQ1
IRQ0
DATA
CLKOUT
SCK
SDI
33 GND(1)
VCOTN
VCOTP
MRF89XA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com