Electronic Components Datasheet Search
  English  ▼

X  

MRF89XA Datasheet(PDF) 41 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 41 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 37Page - Microchip Technology MRF89XA Datasheet HTML 38Page - Microchip Technology MRF89XA Datasheet HTML 39Page - Microchip Technology MRF89XA Datasheet HTML 40Page - Microchip Technology MRF89XA Datasheet HTML 41Page - Microchip Technology MRF89XA Datasheet HTML 42Page - Microchip Technology MRF89XA Datasheet HTML 43Page - Microchip Technology MRF89XA Datasheet HTML 44Page - Microchip Technology MRF89XA Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 140 page
background image
 2010-2017 Microchip Technology Inc.
Preliminary
DS70000622D-page 41
MRF89XA
2.15.3
RSSI THRESHOLD INTERRUPT REQUEST REGISTER DETAILS
REGISTER 2-16:
RSTHIREG: RSSI THRESHOLD INTERRUPT REQUEST CONFIGURATION
REGISTER (ADDRESS:0x0F) (POR:0x00)
bit 0
LENPLL: Lock Enable of PLL bit
1 = PLL lock detect enabled (default)
0 = PLL lock detect disabled
The PLL lock detect flag is mapped to the PLOCK pin (pin 23), and pin 23 is a High-Z pin.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
RTIVAL<7:0>
bit 7
bit 0
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7-0
RTIVAL<7:0>: RSSI Threshold for Interrupt Value bits
These bits indicate the RSSI threshold value for interrupt request.
RTIVAL<7:0> = 00000000 (default)
REGISTER 2-15:
FTPRIREG: FIFO TRANSMIT PLL AND RSSI INTERRUPT REQUEST
CONFIGURATION REGISTER (ADDRESS:0x0E) (POR:0x01) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com