Electronic Components Datasheet Search
  English  ▼

X  

MRF89XA Datasheet(PDF) 63 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 63 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 59Page - Microchip Technology MRF89XA Datasheet HTML 60Page - Microchip Technology MRF89XA Datasheet HTML 61Page - Microchip Technology MRF89XA Datasheet HTML 62Page - Microchip Technology MRF89XA Datasheet HTML 63Page - Microchip Technology MRF89XA Datasheet HTML 64Page - Microchip Technology MRF89XA Datasheet HTML 65Page - Microchip Technology MRF89XA Datasheet HTML 66Page - Microchip Technology MRF89XA Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 140 page
background image
 2010-2017 Microchip Technology Inc.
Preliminary
DS70000622D-page 63
MRF89XA
The POLCFV<3:0> bits (PFCREG<7:4>) set fo, which
is the center frequency of the polyphase filter when
activated. The fo should always be chosen to be equal
to the low Intermediate Frequency of the receiver (IF2).
Because low IF frequency of the OOK receiver denoted
by IF2 can always be replaced by fo for any calculations
or monitoring purposes.
The following setting is recommended:
fo = 100 kHz
POLCFV<3:0> = 0011.
The
value
stored
as
BUTFILV<3:0>
bits
(FILCREG<3:0>) determines fc, the filter cut-off
frequency. Therefore, fc should be set according to
Equation 3-12.
EQUATION 3-12:
Again, fc, as a function of the BUTFILV<3:0> bits, is
described in Section 3.4.6, Channel Filters Setting in
OOK Mode.
3.4.5
CHANNEL FILTERS SETTING IN
FSK MODE
The fc, the 3 dB cut-off frequency of the Butterworth fil-
ter used in FSK reception, is programmed through the
BUTFILV<3:0> bits (FILCREG<3:0>). However, the
entire receiver chain influences this cut-off frequency.
The channel select and resultant filter bandwidths are
illustrated in Figure 3-7.
Table 4-2 suggests filter settings in FSK mode along
with the corresponding passive filter bandwidth and the
accepted tolerance on the crystal reference.
FIGURE 3-7:
ACTUAL BW OF BUTTERWORTH FILTER
2 fc fo
–
 BW
99%,ook
LOdrifts
+
Where,
fc is the cut-off frequency
fo is the center frequency
Butterworth Filter BW, FSK
0
50
100
150
200
250
300
350
400
450
06
8
10
12
14
Val BUTFILV<3:0> [d]
16
Actual
BW
Theoretical
BW
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com