Electronic Components Datasheet Search
  English  ▼

X  

MRF89XA Datasheet(PDF) 83 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 83 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 79Page - Microchip Technology MRF89XA Datasheet HTML 80Page - Microchip Technology MRF89XA Datasheet HTML 81Page - Microchip Technology MRF89XA Datasheet HTML 82Page - Microchip Technology MRF89XA Datasheet HTML 83Page - Microchip Technology MRF89XA Datasheet HTML 84Page - Microchip Technology MRF89XA Datasheet HTML 85Page - Microchip Technology MRF89XA Datasheet HTML 86Page - Microchip Technology MRF89XA Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 140 page
background image
 2010-2017 Microchip Technology Inc.
Preliminary
DS70000622D-page 83
MRF89XA
3.11.0.3
Variable Length Packet Format
This mode is necessary in applications where the
length of the packet is not known in advance and can
vary over time. It is then necessary for the transmitter
to send the length information together with each
packet in order for the receiver to operate properly.
In this mode, the length of the payload (indicated by the
length byte in Figure 3-27) is given by the first byte of
the FIFO and is limited only by the width of the FIFO
selected. In this mode, the payload must contain at
least 2 bytes (that is, length plus address or message
byte).
A variable length packet frame format is illustrated in
Figure 3-27, which contains the following fields:
• Preamble (1010...)
• Sync Word (Network ID)
• Length byte
• Optional Address byte (Node ID)
• Message data
• Optional 2-bytes CRC checksum
FIGURE 3-27:
VARIABLE LENGTH PACKET FORMAT
Note:
The length byte is not included in the CRC
calculation.
Message
0 to (FIFO size - 1) bytes
Address
byte
Length
byte
CRC
2-bytes
Sync Word
1 to 4 bytes
Preamble
1 to 4 bytes
Payload/FIFO
CRC checksum calculation
Fields added by the packet handler in TX and processed and removed in RX
Optional, user provided field which are part of the payload
Message part of the payload
Optional DC-free data coding
Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com