Electronic Components Datasheet Search
  English  ▼

X  

MRF89XA Datasheet(PDF) 76 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 76 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 72Page - Microchip Technology MRF89XA Datasheet HTML 73Page - Microchip Technology MRF89XA Datasheet HTML 74Page - Microchip Technology MRF89XA Datasheet HTML 75Page - Microchip Technology MRF89XA Datasheet HTML 76Page - Microchip Technology MRF89XA Datasheet HTML 77Page - Microchip Technology MRF89XA Datasheet HTML 78Page - Microchip Technology MRF89XA Datasheet HTML 79Page - Microchip Technology MRF89XA Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 140 page
background image
MRF89XA
DS70000622D-page 76
Preliminary
 2010-2017 Microchip Technology Inc.
3.9.4
HOST MICROCONTROLLER
INTERFACE/REQUIRED
CONNECTIONS
Note that some connections may not be needed
depending on the application:
• IRQ0: If Sync and RSSI interrupts are not used,
leave the pin floating.
• IRQ1: If the device is never used in TX FSK mode
(DCLK connection is not compulsory in RX and
TX OOK modes), leave the pin floating.
• SDO: If no read register access is needed, pull up
to VDD through a 100 kΩ resistor.
FIGURE 3-20:
HOST MCU
CONNECTIONS IN
CONTINUOUS MODE
3.9.5
CONTINUOUS MODE EXAMPLE
The data processing related registers are appropriately
configured as listed in Table 3-7. In this example, we
assume that both the Bit synchronizer and Sync Word
recognition are on.
TX Mode:
1.
Go to TX mode (and wait for TX to be ready, see
Figure 5-3).
2.
Send all packet bits on the DATA pin
synchronously with the DCLK signal provided
on IRQ1.
3.
Go to Sleep mode.
RX Mode:
1.
Program RX interrupts: IRQ0 mapped to Sync
(IRQ0RXS<1:0> = 00) and IRQ1 mapped to
DCLK (Bit synchronizer enabled).
2.
Go to RX mode (note that RX is not ready
immediately, see Figure 5-2).
3.
Wait for Sync interrupt.
4.
Get all packet bits on the DATA pin to be in sync
with the DCLK signal provided on IRQ1.
5.
Go to Sleep mode.
3.9.6
CONTINUOUS MODE REGISTERS
The registers associated with Continuous mode are:
• GCONREG (Register 2-1)
•DMODREG (Register 2-2)
•FDEVREG (Register 2-3)
• BRSREG (Register 2-4)
•FLTHREG (Register 2-5)
• FIFOCREG (Register 2-6)
• FTXRXIREG (Register 2-14)
• FTPRIREG (Register 2-15)
•RSTHIREG (Register 2-16)
• FILCREG (Register 2-17)
•PFCREG (Register 2-18)
• SYNCREG (Register 2-19)
• RSTSREG (Register 2-21)
• OOKCREG (Register 2-22)
• SYNCV31REG (Register 2-23)
• SYNCV23REG (Register 2-24)
• SYNCV15REG (Register 2-25)
• SYNCV07REG (Register 2-26)
TABLE 3-7:
CONFIGURATION REGISTERS RELATED TO DATA PROCESSING (ONLY) IN
CONTINUOUS MODE
Note:
The CSDAT pin (pin15), which is unused
in Continuous mode, should be pulled up
to VDD through a 100 kΩ resistor.
Table 2-4 details the MRF89XA pin config-
uration and chip mode.
PIC®
MRF89XA
IRQ0
IRQ1 (DCLK)
DATA
CSCON
SCK
SDI
SDO
Microcontroller
Register Name
Register Bits
TX
RX
Description
DMODREG
DMODE0, DMODE1
X
X
Defines data operation mode ( Continuous)
FTXRXIREG
IRQ0RXS<1:0>
X
Defines IRQ0 source in RX mode
SYNCREG
SYNCREN
X
Enables Sync Word recognition
SYNCREG
SYNCWSZ<1:0>
X
Defines Sync Word size
SYNCREG
SYNCTEN<1:0>
X
Defines the error tolerance on Sync Word recognition
SYNCV31REG
SYNCV<31:24>
X
Defines Sync Word value
SYNCV23REG
SYNCV<23:16>
X
Defines Sync Word value
SYNCV15REG
SYNCV<15:8>
X
Defines Sync Word value
SYNCV07REG
SYNCV<7:0>
X
Defines Sync Word value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com