Electronic Components Datasheet Search
  English  ▼

X  

MRF89XA Datasheet(PDF) 33 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 33 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 29Page - Microchip Technology MRF89XA Datasheet HTML 30Page - Microchip Technology MRF89XA Datasheet HTML 31Page - Microchip Technology MRF89XA Datasheet HTML 32Page - Microchip Technology MRF89XA Datasheet HTML 33Page - Microchip Technology MRF89XA Datasheet HTML 34Page - Microchip Technology MRF89XA Datasheet HTML 35Page - Microchip Technology MRF89XA Datasheet HTML 36Page - Microchip Technology MRF89XA Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 140 page
background image
 2010-2017 Microchip Technology Inc.
Preliminary
DS70000622D-page 33
MRF89XA
2.14.5
FLOOR THRESHOLD CONTROL REGISTER DETAILS
REGISTER 2-5:
FLTHREG: FLOOR THRESHOLD CONTROL REGISTER
(ADDRESS:0x04) (POR:0x0C)
2.14.6
FIFO CONFIGURATION REGISTER DETAILS
REGISTER 2-6:
FIFOCREG: FIFO CONFIGURATION REGISTER (ADDRESS:0x05) (POR:0x0F)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
FTOVAL<7:0>
bit 7
bit 0
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7-0
FTOVAL<7:0>: Floor Threshold OOK Value bits
The bits indicate Floor threshold in OOK receive mode.
FTOVAL<7:0> = 00001100  6 dB (default)
FTOVAL assumes 0.5 dB RSSI Step
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
FSIZE<1:0>
FTINT<5:0>
bit 7
bit 0
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7-6
FSIZE<1:0>: FIFO Size Selection bits
These bits set the size or number of FIFO locations.
11 = 64 bytes
10 = 48 bytes
01 = 32 bytes
00 = 16 bytes (default)
bit 5-0
FTINT<5:0>: FIFO Threshold Interrupt bits
Setting these bits selects the FIFO threshold for interrupt source. Refer to Section 3.6.2, Interrupt
Sources and Flags for more information.
FTINT<5:0> = 001111 (default)
The behavior of the FIFO_THRESHOLD interrupt source depends on the running mode (TX, RX, or
Standby mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com