Electronic Components Datasheet Search
  English  ▼

X  

MAX77816 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX77816 Datasheet HTML 2Page - Maxim Integrated Products MAX77816 Datasheet HTML 3Page - Maxim Integrated Products MAX77816 Datasheet HTML 4Page - Maxim Integrated Products MAX77816 Datasheet HTML 5Page - Maxim Integrated Products MAX77816 Datasheet HTML 6Page - Maxim Integrated Products MAX77816 Datasheet HTML 7Page - Maxim Integrated Products MAX77816 Datasheet HTML 8Page - Maxim Integrated Products MAX77816 Datasheet HTML 9Page - Maxim Integrated Products MAX77816 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
(VSYS = VINBB = +3.8V , VFB_BB = VOUTBB = +3.3V, TA = +25°C.)
Typical Operating Characteristics
2
2.5
3
3.5
4
4.5
5
2.80 3.00 3.20 3.40 3.60 3.80 4.00 4.20 4.40
INPUT VOLTAGE (V)
MAXIMUM OUTPUT CURRENT
VOUT = 3.5V
toc04
VOUT = 3.3V
VOUT = 2.86V
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
LOAD CURRENT (A)
EFFICIENCY
toc01
VIN = 3.0V, VOUT = 3.3V
VIN = 3.3V, VOUT = 3.3V
VIN = 3.6V, VOUT = 3.3V
VIN = 4.2V, VOUT = 3.3V
toc06
OUTPUT VOLTAGE
RAMP-DOWN RATE
VOUT
1V/div
200µs/div
50mV/div
(AC-
COUPLED)
500mA/div
toc02
VOUT
LOAD TRANSIENT RESPONSE
IOUT
20µs/div
50mV/div
(AC-
COUPLED)
500mA/div
toc3
VIN
LINE TRANSIENT RESPONSE
IOUT
VOUT
500mV/div
20µs/div
toc07
TURN-ON DELAY TIME
EN
1V/div
40µs/div
VOUT
1V/div
toc05
OUTPUT VOLTAGE
RAMP-UP RATE
VOUT
1V/div
40µs/div
Maxim Integrated │ 6
www.maximintegrated.com
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com