Electronic Components Datasheet Search
  English  ▼

X  

MAX77816 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX77816 Datasheet HTML 1Page - Maxim Integrated Products MAX77816 Datasheet HTML 2Page - Maxim Integrated Products MAX77816 Datasheet HTML 3Page - Maxim Integrated Products MAX77816 Datasheet HTML 4Page - Maxim Integrated Products MAX77816 Datasheet HTML 5Page - Maxim Integrated Products MAX77816 Datasheet HTML 6Page - Maxim Integrated Products MAX77816 Datasheet HTML 7Page - Maxim Integrated Products MAX77816 Datasheet HTML 8Page - Maxim Integrated Products MAX77816 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
(VSYS = VINBB = +3.8V, VFB_BB = VOUTBB = +3.3V, TA = -40°C to +85°C, typical values are at TA = +25°C, unless otherwise noted.)
(Note 3)
Note 3: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed through cor-
relation using statistical quality control methods.
Note 4: Guaranteed by design. Not production tested.
Note 5: Guaranteed by ATE characterization. Not directly tested in production.
Note 6: Guaranteed by design. Production tested through scan.
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I2C-COMPATIBLE INTERFACE─TIMING (Note 5)
Clock Frequency
fSCL
1
MHz
Hold Time (REPEATED)
START Condition
tHD_STA
0.26
µs
SCL Low Period
tLOW
0.5
µs
SCL High Period
tHIGH
0.26
µs
Setup Time REPEATED
START Condition
tSU_STA
0.26
µs
DATA Hold Time
tHD_DAT
0
µs
DATA Setup Time
tSU_DAT
50
ns
Setup Time for STOP
Condition
tSU_STO
0.26
µs
Bus-Free Time Between
STOP and START
tBUF
0.5
µs
Capacitive Load for Each
Bus Line
CB
550
pF
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
www.maximintegrated.com
Maxim Integrated │ 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com