Electronic Components Datasheet Search
  English  ▼

X  

MAX77816 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX77816 Datasheet HTML 8Page - Maxim Integrated Products MAX77816 Datasheet HTML 9Page - Maxim Integrated Products MAX77816 Datasheet HTML 10Page - Maxim Integrated Products MAX77816 Datasheet HTML 11Page - Maxim Integrated Products MAX77816 Datasheet HTML 12Page - Maxim Integrated Products MAX77816 Datasheet HTML 13Page - Maxim Integrated Products MAX77816 Datasheet HTML 14Page - Maxim Integrated Products MAX77816 Datasheet HTML 15Page - Maxim Integrated Products MAX77816 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
START and STOP Conditions
When I2C serial interface is inactive, SDA and SCL idle
high. A master device initiates communication by issuing
a START condition. A START condition is a high-to-low
transition on SDA with SCL high. A STOP condition is a
low-to-high transition on SDA, while SCL is high.
A START condition from the master signals the beginning
of a transmission to MAX77816. The master terminates
transmission by issuing a NOT-ACKNOWLEDGE fol-
lowed by a STOP condition.
STOP condition frees the bus. To issue a series of com-
mands to the slave, the master may issue REPEATED
START (Sr) commands instead of a STOP command
in order to maintain control of the bus. In general, a
REPEATED START command is functionally equivalent
to a regular START command.
When a STOP condition or incorrect address is detected,
the IC internally disconnects SCL from I2C serial interface
until the next START condition, minimizing digital noise
and feedthrough.
Acknowledged
Both I2C bus master and MAX77816 (Slave) generate
acknowledge bits when receiving data. The acknowledge
bit is the last bit of each nine bit data packet. To gener-
ate an ACKNOWLEDGE (A), the receiving device must
pull SDA low before the rising edge of the acknowledge-
related clock pulse (ninth pulse) and keep it low during
the high period of the clock pulse. To generate a NOT-
ACKNOWLEDGE (nA), the receiving device allows SDA
to be pulled high before the rising edge of the acknowl-
edge-related clock pulse and leaves it high during the
high period of the clock pulse.
Monitoring the acknowledge bits allows for detection
of unsuccessful data transfers. An unsuccessful data
transfer occurs if a receiving device is busy or if a system
fault has occurred. In the event of an unsuccessful data
transfer, the bus master should reattempt communication
at a later time.
Figure 6. Functional Logic Diagram for Communications Controller
Figure 7. I2C Bit Transfer
Figure 8. START and STOP Conditions
MASTER
TRANSIMTTER/
RECEIVER
SDA
SCL
SLAVE
RECEIVER
SLAVE
TRANSMITTER
SLAVE
TRANSIMTTER/
RECEIVER
MASTER
TRANSIMTTER/
RECEIVER
SDA
SCL
CHANGE OF DATA
ALLOWED
DATA LINE STABLE DATA VALID
S
P
Sr
SCL
SDA
tHD;STA
tSU;STA
tSU;STO
tHD;STA
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com