Electronic Components Datasheet Search
  English  ▼

X  

MAX77816 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX77816 Datasheet HTML 7Page - Maxim Integrated Products MAX77816 Datasheet HTML 8Page - Maxim Integrated Products MAX77816 Datasheet HTML 9Page - Maxim Integrated Products MAX77816 Datasheet HTML 10Page - Maxim Integrated Products MAX77816 Datasheet HTML 11Page - Maxim Integrated Products MAX77816 Datasheet HTML 12Page - Maxim Integrated Products MAX77816 Datasheet HTML 13Page - Maxim Integrated Products MAX77816 Datasheet HTML 14Page - Maxim Integrated Products MAX77816 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Output Voltage Slew-Rate Control
Buck-Boost regulator supports programmable slew-rate
control feature when increasing and decreasing the out-
put voltage. The ramp-up slew-rate can be set to 20mV/µs
or 40mV/µs through BB_RU_SR bit, while the ramp-down
slew-rate is programmable to 5mV/µs or 10mV/µs through
BB_RD_SR bit.
Output Active Discharge
Buck-boost provides an internal 100Ω resistor for output
active discharge function. If the active discharge function
is enabled (BB_AD = 1), the internal resistor discharges
the energy stored in the output capacitor to PGNDBB
whenever the regulator is disabled.
Either the regulator remains enabled or the active dis-
charge function is disabled (BB_AD = 0), the internal
resistor is disconnected from the output. If the active dis-
charge function is disabled, the output voltage decays at a
rate that is determined by the output capacitance and the
load current when the regulator is turned off.
Inductor Selection
Buck-boost is optimized for a 1µH inductor. The lower the
inductor DCR, the higher buck-boost efficiency is. Users
need to trade off inductor size with DCR value and choose
a suitable inductor for buck-boost.
Input Capacitor Selection
The input capacitor, CIN, reduces the current peaks
drawn from the battery or input power source and reduces
switching noise in the device. The impedance of CIN at
the switching frequency should be kept very low. Ceramic
capacitors with X5R or X7R dielectrics are highly rec-
ommended due to their small size, low ESR, and small
temperature coefficients. For most applications, a 10µF
capacitor is sufficient.
Output Capacitor Selection
The output capacitor, COUT, is required to keep the
output voltage ripple small and to ensure regulation loop
stability. COUT must have low impedance at the switch-
ing frequency. Ceramic capacitors with X5R or X7R
dielectric are highly recommended due to their small size,
low ESR, and small temperature coefficients. For stable
operation, buck-boost requires 16µF of minimum effective
output capacitance. Considering DC bias characteristic
of ceramic capacitors, a 47µF 6.3V capacitor is recom-
mended for most of applications.
Serial Interface
I2C-compatible 2-wire serial interface is used for regulator
on/off control, setting output voltages, and other functions.
Refer to the Register Map section for details.
I2C serial bus consists of a bidirectional serial-data line
(SDA) and a serial clock (SCL). I2C is an open-drain bus.
SDA and SCL require pullup resistors (500Ω or greater).
Optional 24Ω resistors in series with SDA and SCL help
to protect the device inputs from high voltage spikes on
the bus lines. Series resistors also minimize crosstalk and
undershoot on bus lines.
System Configuration
I2C bus is a multimaster bus. The maximum number of
devices that can attach to the bus is only limited by bus
capacitance.
Figure 6 shows an example of a typical I2C system. A
device on I2C bus that sends data to the bus in called a
transmitter. A device that receives data from the bus is
called a receiver. The device that initiates a data transfer
and generates SCL clock signals to control the data trans-
fer is a master. Any device that is being addressed by
the master is considered a slave. When MAX77816 I2C
compatible interface is operating, it is a slave on I2C bus
and it can be both a transmitter and a receiver.
Bit Transfer
One data bit is transferred for each SCL clock cycle. The
data on SDA must remain stable during the high portion of
SCL clock pulse. Changes in SDA while SCL is high are
control signals (START and STOP conditions).
Table 2. Suggested Inductors for Buck-Boost
MANUFACTURER
SERIES
NOMINAL
INDUCTANCE
(µH)
DC
RESISTANCE
(typ) (mΩ)
CURRENT
RATING (A)
-30% (∆L/L)
CURRENT
RATING (A)
∆T = -40°C RISE
DIMENSIONS
L x W x H (mm)
TDK
TFM201610GHM-
1R0MTAA
1.0
50
3.8
3.0
2.0 x 1.6 x 1.0
TOKO
DFE322512C
1.0
34
4.6
3.7
3.2 x 2.5 x 1.2
Coilcraft
XAL4020-102MEB
1.0
13
8.7
9.6
4.0 x 4.0 x 2.1
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
www.maximintegrated.com
Maxim Integrated │ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com