Electronic Components Datasheet Search
  English  ▼

X  

MAX77816 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX77816 Datasheet HTML 3Page - Maxim Integrated Products MAX77816 Datasheet HTML 4Page - Maxim Integrated Products MAX77816 Datasheet HTML 5Page - Maxim Integrated Products MAX77816 Datasheet HTML 6Page - Maxim Integrated Products MAX77816 Datasheet HTML 7Page - Maxim Integrated Products MAX77816 Datasheet HTML 8Page - Maxim Integrated Products MAX77816 Datasheet HTML 9Page - Maxim Integrated Products MAX77816 Datasheet HTML 10Page - Maxim Integrated Products MAX77816 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Bump Configuration
Bump Description
BUMP
NAME
FUNCTION
A1
SYS
System (Battery) Voltage Input. Bypass to GND with a 1µF capacitor.
A2
EN
Active-High, Buck-Boost External Enable Input. An 800kΩ internal pulldown resistance to the GND.
A3
GND
Quite Ground. Star-ground connection to system GND.
A4
SDA
I2C Data I/O (Hi-Z in OFF State). This pin requires a pullup resistor to I2C power supply.
Connect to GND if not used.
A5
SCL
I2C Clock Input (Hi-Z in OFF State). This pin requires a pullup resistor to I2C power supply.
Connect to GND if not used.
B1
FB_BB
Buck-Boost Output Voltage Feedback
B2, C2, D2
LXBB2
Buck-Boost Switching Node 2
B3
GPIO
Multifunction GPIO:
MAX77816A/B/C: General Purpose Input. An 800kΩ internal pulldown resistance to the GND.
MAX77816D/E: Open-Drain Output. An external pullup resistor is required.
B4, C4, D4
LXBB1
Buck-Boost Switching Node 1
B5, C5, D5
INBB
Buck-Boost Input. Bypass to PGNDBB with a 10µF capacitor.
C1, D1
OUTBB
Buck-Boost Output
C3, D3
PGNDBB
Buck-Boost Power Ground. Star-ground connection to system GND.
20-BUMP WLP
(5mm x 4mm, 0.4mm PITCH)
LXBB1
PGNDBB
INBB
PGNDBB
LXBB2
LXBB2
FB_BB
LXBB1
LXBB2
INBB
OUTBB
OUTBB
GPIO
1
2
3
4
5
SCL
EN
SYS
GND
SDA
A
B
C
D
INBB
LXBB1
TO P VIEW
(BUM P SIDE DO W N)
+
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
www.maximintegrated.com
Maxim Integrated │ 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com