Electronic Components Datasheet Search
  English  ▼

X  

MAX77816 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX77816 Datasheet HTML 16Page - Maxim Integrated Products MAX77816 Datasheet HTML 17Page - Maxim Integrated Products MAX77816 Datasheet HTML 18Page - Maxim Integrated Products MAX77816 Datasheet HTML 19Page - Maxim Integrated Products MAX77816 Datasheet HTML 20Page - Maxim Integrated Products MAX77816 Datasheet HTML 21Page - Maxim Integrated Products MAX77816 Datasheet HTML 22Page - Maxim Integrated Products MAX77816 Datasheet HTML 23Page - Maxim Integrated Products MAX77816 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
CONFIG1
Configuration Register1
ADDRESS
ACCESS TYPE
TYPE: O
RESET VALUE: 0xCE
0x02
Read, Write
BIT
NAME
POR
DESCRIPTION
7:6
ILIM[1:0]
11
Inductor Peak Current Limit
00b: 1.15A
01b: 1.80A
10b: 3.1A
11b: 5A
When GPIO_CFG[2:0] = 010b, ILIM[1:0] does not set inductor peak
current level. Inductor peak current level is set by GPIO
5
BB_RU_SR
0
Rising Ramp-Rate Control
0: 20mV/µs
1: 40mV/µs
4
BB_RD_SR
0
Ramp-Down Slew Rate Control
0: 5mV/µs
1: 10mV/µs
3:2
BB_OVP_TH[1:0]
11
Output OVP Threshold
00b: No OVP
01b: 110% of VOUT
10b: 115% of VOUT
11b: 120% of VOUT
1
BB_AD
1
Output Active Discharge
0: Disable active discharge
1: Enable active discharge
0
BB_FPWM
0
Forced PWM Enable
0: SKIP mode
1: Forced PWM
When GPIO_CFG[2:0] = 001b, BB_FPWM does not set inductor peak
current level. Inductor peak current level is set by GPIO
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
www.maximintegrated.com
Maxim Integrated │ 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com