Electronic Components Datasheet Search
  English  ▼

X  

MAX77816 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX77816 Datasheet HTML 4Page - Maxim Integrated Products MAX77816 Datasheet HTML 5Page - Maxim Integrated Products MAX77816 Datasheet HTML 6Page - Maxim Integrated Products MAX77816 Datasheet HTML 7Page - Maxim Integrated Products MAX77816 Datasheet HTML 8Page - Maxim Integrated Products MAX77816 Datasheet HTML 9Page - Maxim Integrated Products MAX77816 Datasheet HTML 10Page - Maxim Integrated Products MAX77816 Datasheet HTML 11Page - Maxim Integrated Products MAX77816 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Detailed Description
Enable Control
When EN pin is set to high, the IC turns on the
internal bias circuitry which takes typically 100µs
(tON_DLY) to be settled. As soon as the bias is ready, all
user registers are accessible through I2C. Write BB_EN
bit to 1 to enable (register default) buck-boost output
voltage regulation. The VOUTBB takes 800µs (tSS) to the
nominal regulated voltage after BB_EN’s setting.
When EN pin is pulled low, the IC goes into shut-
down mode. This event also resets all type-O
registers to their POR default values.
Immediate Turn-Off Events
The following events initiate immediate turn-off.
● Thermal protection (TJ > +165°C)
● VSYS < SYS UVLO falling threshold (VUVLO_F)
● Overcurrent protection
(ILIM is consistently hit for 3ms)
The events in this category disable buck-boost until the
hazardous condition come back to normal conditions.
Inductor Peak Current Limit (ILIM)
The buck-boost regulator’s high-side MOSFETs peak
current limit (ILIM_LXBB) is register programmable.
Applications can use ILIM_LXBB programmability to
ensure that the regulator never exceeds the saturation
current rating of the inductor on the PCB. In MAX77816B,
ILIM_LXBB is GPIO pin programmable. Refer to the
Multifunction GPIO Pin section.
Multifunction GPIO Pin
The IC has a general-purpose input and output (GPIO)
pin which can be configured as 5 different functions
through GPIO_CFG[2:0]. The default function of the GPIO
pin is listed below:
●
MAX77816A: FPWM Mode Enable
When the GPIO pin is connected to GND, the buck-
boost regulator automatically transitions from SKIP
mode to fixed frequency operation (PWM) as load
current increases. SKIP mode helps maximize the
buck-boost regulator’s efficiency at light load. When
the GPIO is connected to a voltage above VGPI_H,
forced PWM (FPWM) switching behavior is enabled.
The FPWM mode benefits applications where lowest
output ripple is required. The BB_FPWM bitfield is
ignored when GPIO_CFG[2:0] = 001b.
●
MAX77816B: Inductor Peak Current-Limit (ILIM)
Selection
The buck-boost regulator’s high-side MOSFETs peak
current limit (ILIM_LXBB) is GPIO pin programmable.
The ILIM[1:0] bitfield is ignored when GPIO_CFG[2:0]
= 010b. Connect GPIO to GND to set ILIM to 1.8A
(typ). Connect GPIO to a voltage above VGPI_H to
program ILIM to 5A (typ).
●
MAX77816C: Output Voltage Selection
The GPIO pin sets the output voltage dynamically
between VOUT[6:0] (GPIO = LOW) and VOUT_H[6:0]
(GPIO = HIGH). When EN pin is asserted, the status
of the GPIO pin is latched until completing soft-start
so that changes on the GPIO pin are ignored. After
soft-start is done, internal logic sets VOUTBB based
on the GPIO input.
●
MAX77816D: Power-OK (POK) Indicator
The device features an open-drain GPIO out-
put to monitor the output voltage. The GPIO pin
requires an external pullup resistor. GPIO goes high
(high-impedance) after the output increases above
92.5% (VPOK_R) of the nominal regulated voltage
(VOUT_REG). GPIO goes low when the regulator
output drops below 90% (VPOK_F) of VOUT_REG.
●
MAX77816E: Interrupts Indicator
The GPIO indicates the application processor that the
status of the device has changed.
INT[3:0], INT_MASK[3:0], and the GPIO pin work
together to present the buck-boost regulator’s abnor-
mal status, including overvoltage, overcurrent, power
OK, and thermal shutdown. GPIO goes low when one
or more bits of INT[3:0] becomes 1, and the related
interrupts are not masked in INT_MASK[3:0]. GPIO
becomes high (cleared) as soon as the read action of
INT[3:0] starts.
Table 1. Enable Control Logic Truth Table
EN PIN
BB_EN BIT
OPERATING MODE
low
x
Device off
high
0
Disable output
high
1 (default)
Enable output
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com