Electronic Components Datasheet Search
  English  ▼

X  

AD9874 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9874 Datasheet HTML 8Page - Analog Devices AD9874 Datasheet HTML 9Page - Analog Devices AD9874 Datasheet HTML 10Page - Analog Devices AD9874 Datasheet HTML 11Page - Analog Devices AD9874 Datasheet HTML 12Page - Analog Devices AD9874 Datasheet HTML 13Page - Analog Devices AD9874 Datasheet HTML 14Page - Analog Devices AD9874 Datasheet HTML 15Page - Analog Devices AD9874 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
REV. 0
–12–
AD9874
SERIAL PERIPHERAL INTERFACE (SPI)
The serial peripheral interface (SPI) is a bidirectional serial port. It is used to load configuration information into the registers listed
below as well as to read back their contents. Table I provides a list of the registers that may be programmed through the SPI port.
Addresses and default values are given in hexadecimal form.
Table I. SPI Address Map
Address Bit
(Hex)
Breakdown
Width
Default Value
Name
Description
POWER CONTROL REGISTERS
0x00
(7:0)
8
0xFF
STBY
Standby Control Bits (REF, LO, CKO, CK, GC, LNAMX, Unused, and ADC)
0x01
(7:6)
2
0
LNAB
LNA Bias Current (0 = 0.5 mA, 1 = 1 mA, 2 = 2 mA, 3 = 3 mA)
(5:4)
2
0
MIXB
Mixer Bias Current (0 = 0.5 mA, 1 = 1.5 mA, 2 = 2.7 mA, 3 = 4 mA)
(3:2)
2
0
CKOB
CK Oscillator Bias (0 = 0.25 mA, 1 = 0.35 mA, 2 = 0.40 mA, 3 = 0.65 mA)
(1:0)
2
0
ADCB
Do Not Use
0x02
(7:0)
8
0x00
TEST
Factory Test Mode. Do not use.
AGC
0x03
(7)
1
0
ATTEN
Apply 16 dB Attenuation in the Front End
(6:0)
7
0x00
AGCG(14:8) AGC Attenuation Setting (7 MSBs of a 15-Bit Unsigned Word)
0x04
(7:0)
8
0x00
AGCG(7:0)
AGC Attenuation Setting (8 LSBs of a 15-Bit Unsigned Word)
Default corresponds to maximum gain
0x05
(7:4)
4
0
AGCA
AGC Attack Bandwidth Setting. Default yields 50 Hz raw loop bandwidth.
(3:0)
4
0
AGCD
AGC Decay Time Setting. Default is decay time = attack time.
0x06
(7)
1
0
AGCV
Enable Digital VGA to increase AGC Range by 12 dB
(6:4)
3
0
AGCO
AGC Overload Update Setting. Default is slowest update
(3)
1
0
AGCF
Fast AGC (Minimizes resistance seen between GCP and GCN)
(2:0)
3
0
AGCR
AGC Enable/Reference Level (Disabled, 3 dB, 6 dB, 9 dB, 12 dB, 15 dB below Clip)
DECIMATION FACTOR
0x07
(7:5)
3
Unused
(4)
1
0
K
Decimation Factor = 60
× (M + 1), if K = 0; 48 × (M + 1), if K = 1
(3:0)
4
4
M
Default is Decimate-by-300
LO SYNTHESIZER
0x08
(5:0)
6
0x00
LOR(13:8)
Reference Frequency Divisor (6 MSBs of a 14-Bit Word)
0x09
(7:0)
8
0x38
LOR(7:0)
Reference Frequency Divisor (8 LSBs of a 14-Bit Word)
Default (56) Yields 300 kHz from fREF = 16.8 MHz
0x0A
(7:5)
3
0x5
LOA
“A” Counter (Prescaler Control Counter)
(4:0)
5
0x00
LOB(12:8)
“B” Counter MSBs (5 MSBs of a 13-Bit Word)
Default LOA and LOB values yield 300 kHz from 73.35 MHz–2.25 MHz
0x0B
(7:0)
8
0x1D
LOB(7:0)
“B” Counter LSBs (8 LSBs of a 13-Bit Word)
0x0C
(6)
1
0
LOF
Enable Fast Acquire
(5)
1
0
LOINV
Invert Charge Pump (0 = Source Current to Increase VCO Frequency)
(4:2)
3
0
LOI
Charge Pump Current in Normal Operation. IPUMP = (LOI + 1)
× 0.625 mA
(1:0)
2
3
LOTM
Manual Control of LO Charge Pump (0 = Off, 1 = Up, 2 = Down, 3 = Normal)
0x0D
(5:0)
4
0x0
LOFA(13:8)
LO Fast Acquire Time Unit (6 MSBs of a 14-Bit Word)
0x0E
(7:0)
8
0x04
LOFA(7:0)
LO Fast Acquire Time Unit (8 LSBs of a 14-Bit Word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com