Electronic Components Datasheet Search
  English  ▼

X  

AD9874 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9874 Datasheet HTML 29Page - Analog Devices AD9874 Datasheet HTML 30Page - Analog Devices AD9874 Datasheet HTML 31Page - Analog Devices AD9874 Datasheet HTML 32Page - Analog Devices AD9874 Datasheet HTML 33Page - Analog Devices AD9874 Datasheet HTML 34Page - Analog Devices AD9874 Datasheet HTML 35Page - Analog Devices AD9874 Datasheet HTML 36Page - Analog Devices AD9874 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
REV. 0
AD9874
–33–
EXTERNAL PASSIVE COMPONENT REQUIREMENTS
Figure 26 shows an example circuit using the AD9874 while
Table XIV shows the nominal dc bias voltages seen at the different
pins. The purpose is to show the various external passive compo-
nents required by the AD9874 along with nominal dc voltages
for troubleshooting purposes.
MXOP
MXON
GNDF
IF2N
IF2P
VDDF
GCP
GCN
VDDA
GNDA
VREFP
VREFN
GNDL
FREF
GNDS
SYNCB
GNDH
FS
DOUTB
DOUTA
CLKOUT
VDDH
VDDD
PE
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
25
26
27
28
29
30
31
32
33
34
35
36
AD9874
50
180pF
100pF
100
pF
2.2nF
100pF
10nF
100pF
100k
10nF
10nF
Figure 26. Example Circuit Showing Recommended
Component Values
Table XIV. Nominal DC Bias Voltages
Pin Number
Pin Name (V)
Nominal DC Bias
1
MXOP
VDDI – 0.2
2MXON
VDDI – 0.2
4IF2N
1.3 – 1.7
5
IF2P
1.3 – 1.7
11
VREFP
VDDA/2 + 0.250
12
VREFN
VDDA/2 – 0.250
13
RREF
1.2
19
CLKP
VDDC – 1.3
20
CLKN
VDDC – 1.3
35
FREF
VDDC/2
41
CXVM
1.6 – 2.0
42
LON
1.65 – 1.9
43
LOP
1.65 – 1.9
44
CXVL
VDDI – 0.05
46
CXIF
1.6 – 2.0
47
IFIN
0.9 – 1.1
The LO, CLK, and IFIN signals are coupled to their respective
inputs using 10 nF capacitors. The output of the mixer is coupled
to the input of the ADC using 100 pF. An external 100 k
Ω resistor
from the RREF Pin to GND sets up the AD9874’s internal bias
currents. VREFP and VREFN provide a differential reference
voltage to the AD9874’s -
ADC and must be decoupled by
a 0.01
µF differential capacitor along with two 100 pF capacitors
to GND. The remaining capacitors are used to decouple other
sensitive internal nodes to GND.
Although power supply decoupling capacitors are not shown,
it is recommended that a 0.1
µF surface-mount capacitor be
placed as close as possible to each power supply pin for maximum
effectiveness. Also not shown is the input impedance matching
network used to match the AD9874’s IF input to the external
IF filter. Lastly, the loop filter components associated with the
LO and CLK synthesizers are not shown.
LC component values for fCLK = 18 MHz are given on the diagram.
For other clock frequencies, the two inductors and the capacitor
of the LC tank should be scaled in inverse proportion to the clock.
For example, if fCLK = 26 MHz, then the two inductors should
be = 6.9
µH and the capacitor should be about 120 pF. A toler-
ance of 10% is sufficient for these components since tuning of
the LC tank is performed upon system start-up.
APPLICATIONS
Superheterodyne Receiver Example
The AD9874 is well suited for analog and/or digital narrow-band
radio systems based on a superheterodyne receiver architecture. The
superheterodyne architecture is noted for achieving exceptional
dynamic range and selectivity by using two or more downcon-
version stages to provide amplification of the target signal while
filtering the undesired signals. The AD9874 greatly simplifies
the design of these radio systems by integrating the complete
IF strip (excluding the LO VCO) while providing an I/Q digital
output (along with other system parameters) for the demodulation
of both analog and digital modulated signals. The AD9874’s
exceptional dynamic range often simplifies the IF filtering
requirements and eliminates the need for an external AGC.
Figure 27 shows a typical dual conversion superheterodyne receiver
using the AD9874. An RF tuner is used to select and down-
convert the target signal to a suitable first IF for the AD9874.
A preselect filter may precede the tuner to limit the RF input to
the band of interest. The output of the tuner drives an IF filter
that provides partial suppression of adjacent channels and inter-
ferers that could otherwise limit the receiver’s dynamic range. The
conversion gain of the tuner should be set such that the peak IF input
signal level into the AD9874 is no greater than –18 dBm to prevent
clipping. The AD9874 downconverts the first IF signal to a second
IF that is exactly 1/8 of the -
ADC’s clock rate (i.e., f CLK/8)
to simplify the digital quadrature demodulation process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com