| Electronic Components Datasheet Search |
|
AD9874 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9874 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 40 page ![]() REV. 0 –16– AD9874 FS DOUT CLKOUT SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0 I15 I0 Q15 Q14 Q0 CLKOUT FS DOUT SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 1, AAGC = 0 I15 I0 Q15 Q14 Q0 RSSI0 ATTEN6 ATTN7 CLKOUT FS DOUT SCKI = 0, SCKT = 0, SLFS = 1, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0 I15 I0 Q15 Q14 Q0 CLKOUT FS DOUT SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 1, EAGC = 0 SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 0, EAGC = 0: AS ABOVE, BUT FS IS LOW IDLE (HIGH) BITS START BIT START BIT STOP BIT STOP BIT START BIT HI-Z I15 I8 I7 I0 Q15 Figure 3a. SSI Timing for Several SSICRA Settings with 16-Bit I/Q Data Table IV. Number of Bits per Frame for Different SSICR Settings Number of Bits DW EAGC EFS AAGC per Frame 0 (16-bit) 0 0 NA 32 01 NA 49 * 10 0 48 10 1 40 11 0 69 * 11 1 59 * 1 (24-bit) 0 0 NA 48 01 NA 69 * 10 0 64 10 1 56 11 0 89 * 11 1 79 * *The number of bits per frame with embedded frame sync (EFS = 1) assume at least 10 idle bits are desired. The maximum SSIORD setting can be determined by the following equation: SSIORD TRUNC Dec Factor of Bits per Frame ≤ {( . ) / (# )}(1) where TRUNC is the truncated integer value. Table IV lists the number of bits within a frame for 16-bit and 24-bit output data formats for all of the different SSICR settings. The decimation factor is determined by the contents of Register 0x07. An example helps illustrate how the maximum SSIORD setting is determined. Suppose a user selects a decimation factor of 600 (Register 0x07, K = 0, M = 9) and prefers a 3-wire interface with a dedicated frame sync (EFS = 0) containing 24-bit data (DW = 1) with nonalternating embedded AGC data included (EAGC = 1, AAGC = 0). Referring to Table IV, each frame will consist of 64 data bits. Using Equation 1, the maximum SSIORD setting is 9 (= TRUNC(600/64)). Thus, the user can select any SSIORD setting between 1 and 9. Figure 3a illustrates the output timing of the SSI port for several SSI control register settings with 16-bit I/Q data, while Figure 3b shows the associated timing parameters. Note, the same timing relationship holds for 24-bit I/Q data, with the exception that I and Qword lengths now become 24 bits. In the default mode of the operation, data is shifted out on rising edges of CLKOUT after a pulse equal to a clock period is output from the Frame Sync (FS) Pin. As described above, the output data consists of a 16- or 24-bit I sample followed by a 16- or 24-bit Q sample, plus two optional bytes containing AGC and status information. FS DOUT I15 I14 CLKOUT tV tCLK tHI tLOW t DV Figure 3b. Timing Parameters for SSI Timing* *Timing parameters also apply to inverted CLKOUT or FS modes with t DV relative to the falling edge of the CLK and/or FS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |