Electronic Components Datasheet Search
  English  ▼

X  

AD9874 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9874 Datasheet HTML 28Page - Analog Devices AD9874 Datasheet HTML 29Page - Analog Devices AD9874 Datasheet HTML 30Page - Analog Devices AD9874 Datasheet HTML 31Page - Analog Devices AD9874 Datasheet HTML 32Page - Analog Devices AD9874 Datasheet HTML 33Page - Analog Devices AD9874 Datasheet HTML 34Page - Analog Devices AD9874 Datasheet HTML 35Page - Analog Devices AD9874 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
REV. 0
–32–
AD9874
Many applications have frequency plans that take advantage of
industry-standard IF frequencies due to the large selection of
low cost crystal or SAW filters. If the selected IF frequency and
ADC clock rate result in a problematic spurious component, an
alternative ADC clock rate should be selected by slightly modi-
fying the decimation factor and CLK synthesizer settings (if
used) such that the output sample rate remains the same. Also,
applications requiring a certain degree of tuning range should
take into consideration the location and magnitude of these spurs
when determining the tuning range as well as optimum IF and
ADC clock frequency.
Figure 23a plots the measured in-band noise power as a function of
the LO frequency for fCLK = 18 MHz and an output signal band-
width of 150 kHz when no signal is present. Any LO frequency
resulting in large spurs should be avoided. As this figure shows,
large spurs result when the LO is fCLK/8 = 2.25 MHz away from a
harmonic of 18 MHz (i.e., n fCLK
± f
CLK/8). Also problematic are
LO frequencies whose odd order harmonics (i.e., m fLO) mix with
harmonics of fCLK to fCLK/8. This spur mechanism is a result of the
mixer being internally driven by a squared-up version of the LO input
consisting of the LO frequency and its odd order harmonics. These
spur frequencies can be calculated from the following relation:
mf
n
f
LO
CLK
=±
()
18
(12)
where m = 1, 3, 5... and n = 1, 2, 3...
A second source of spurs is a large block of digital circuitry that
is clocked at fCLK/3. Problematic LO frequencies associated with
this spur source are given by:
ff
n f
f
LO
CLK
CLK
CLK
=+
±
/3
8
(13)
where n = 1, 2, 3 ...
Figure 23b shows that omitting the LO frequencies given by
Equation 12 for m = 1, 3, and 5 and by Equation 13 accounts
for most of the spurs. Some of the remaining low level spurs can
be attributed to coupling from the SSI digital output. As a result,
users are also advised to optimize the output bit rate (fCLKOUT
via the SSIORD Register) and the digital output driver strength
to achieve the lowest spurious and noise figure performance for
a particular LO frequency and fCLK setting. This is especially the
case for very narrow-band channels in which low level spurs can
degrade the AD9874’s sensitivity performance.
Despite the many spurs, sweet spots in the LO frequency are generally
wide enough to accommodate the maximum signal bandwidth
of the AD9874. As evidence of this property, Figure 24 shows that
the in-band noise is quite constant for LO frequencies ranging
from 70 MHz to 71 MHz.
70.5
70.0
–50
–70
–60
–90
–80
71.0
LO FREQUENCY – MHz
Figure 24. Expanded View from 70 MHz to 71 MHz
Spurious Responses
The spectral purity of the LO (including its phase noise) is an
important consideration since LO spurs can mix with undesired
signals present at the AD9874’s IFIN input to produce an in-band
response. To demonstrate the low LO spur level introduced
within the AD9874, Figure 25 plots the demodulated output
power as a function of the input IF frequency for an LO frequency
of 71.1 MHz and a clock frequency of 18 MHz.
90
50
0
–40
–20
–80
–60
100
IF FREQUENCY – MHz
–120
–100
60
70
80
D =
f
CLK/4 = 4.5MHz
DESIRED
RESPONSES
Figure 25. Response of AD9874 to a –20 dBm
Input IF Input when fLO = 71.1 MHz
The two large –10 dBFS spikes near the center of the plot are the
desired responses at fLO
± f
IF2_ADC where fIF2_ADC = fCLK/8, i.e.,
at 68.85 MHz and 73.35 MHz. LO spurs at fLO
± fSPUR would
result in spurious responses at offsets of
± f
SPUR around the desired
responses. Close-in spurs of this kind are not visible on the plot,
but small spurious responses at fLO
± fIF2_ADC ± fCLK, i.e., at
50.85 MHz, 55.35 MHz, 86.85 MHz, and 91.35 MHz, are visible
at the –90 dBFS level. This data indicates that the AD9874 does
an excellent job of preserving the purity of the LO signal.
Figure 25 can also be used to gauge how well the AD9874 rejects
undesired signals. For example, the half-IF response (at 69.975 MHz
and 72.225 MHz) is approximately –100 dBFS, giving a selectivity
of 90 dB for this spurious response. The largest spurious response
at approximately –70 dBFS occurs with input frequencies of
70.35 MHz and 71.85 MHz. These spurs result from third
order nonlinearity in the signal path (i.e., abs [3
fLO – 3
fIF_Input] = f CLK/8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com