Electronic Components Datasheet Search
  English  ▼

X  

AD9874 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9874 Datasheet HTML 25Page - Analog Devices AD9874 Datasheet HTML 26Page - Analog Devices AD9874 Datasheet HTML 27Page - Analog Devices AD9874 Datasheet HTML 28Page - Analog Devices AD9874 Datasheet HTML 29Page - Analog Devices AD9874 Datasheet HTML 30Page - Analog Devices AD9874 Datasheet HTML 31Page - Analog Devices AD9874 Datasheet HTML 32Page - Analog Devices AD9874 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
REV. 0
AD9874
–29–
the maximum bandwidth is 9 kHz. A general expression for the
attack bandwidth is:
BW
f
MHz
Hz
A
CLK
AGCA
=×
() × ()
50
18
2
2
(8)
and the corresponding attack time is:
t
attack
BW
AGCA
A
=× ×
 =
()
22
100
2
0 35
2
..
π
(9)
assuming that the loop dynamics are essentially those of a
single-pole system.
The 4-bit code in the AGCD field sets the ratio of the attack
time to the decay time in the amplitude estimation circuitry. When
AGCD is zero, this ratio is one. Incrementing AGCD multiplies
the decay time constant by 2
1/2, allowing a 180:1 range in the
decay time relative to the attack time. The decay time may be
computed from:
t
decay
t
attack
AGCD
=× ()
2
2
(10)
Figure 21a shows the AGC response to a 30 Hz pulse-modulated
IF burst for different AGCA and AGCD settings.
AGCA = 0
80
64
0
48
32
16
96
TIME – ms
10
20
0
50
40
30
80
64
0
48
32
16
96
AGCA = 4
80
64
0
48
32
16
96
AGCA = 8
AGCD = 8
AGCD = 0
AGCD = 8
AGCD = 0
AGCD = 8
AGCD = 0
Figure 21a. AGC Response for Different AGCA and AGCD
Settings with fCLK = 18 MSPS, fCLKOUT = 20 kSPS, Deci-
mate by 900, and AGCO = 0
The 3-bit value in the AGCO field determines the amount of
attenuation added in response to a reset event in the ADC.
Each increment in AGCO doubles the weighting factor. At the
highest AGCO setting, the attenuation will change from 0 dB to
12 dB in approximately 10
µs, while at the lowest setting the
attenuation will change from 0 dB to 12 dB in approximately
1.2 ms. Both times assume fCLK = 18 MHz. Figure 21b shows
the AGC attack time response for different AGCO settings.
TIME – msec
0.1
0.2
0
0.5
0.4
0.3
80
64
0
48
32
16
96
1.0
0.9
0.8
0.7
0.6
112
128
AGCO = 7
AGCO = 4
AGCD = 0
Figure 21b. AGC Response for Different AGCO Settings
with fCLK = 18 MSPS, fCLKOUT = 300 kSPS, Decimate by 60, and
AGCA = AGCD = 0
Lastly, the AGCF bit reduces the DAC source resistance by at
least a factor of 10. This facilitates fast acquisition by lowering
the RC time constant that is formed with the external capacitors
connected from the GCP pin-to-ground (GCN Pin). For an
overshoot-free step response in the AGC loop, the capacitor
connected from the GCP pin to the GCN ground pin should be
chosen so that the RC time constant is less than one quarter
that of the raw loop. Specifically:
RC
BW
< 18
()
π
(11)
where R is the resistance between the GCP Pin and ground (64 kW
±20% if AGCF = 0, < 7 kW if AGCF = 1) and BW is the raw
loop bandwidth. Note that with C chosen at this upper limit, the
loop bandwidth increases by approximately 30%.
Now consider the same case as above but with the DVGA enabled
to minimize the effects of 16-bit truncation. With the DVGA
enabled, a control loop based on the larger of the two estimated
signal levels (i.e., output of DEC1 and DVGA) is used to control
the DVGA gain. The DVGA multiplies the output of the deci-
mation filter by a factor ranging from 1 to 4 (i.e., 0 dB to 12 dB).
When signals are small, the DVGA gain is 4 and the 16-bit output
is extracted from the 24-bit data produced by the decimation
filter by dropping 2 MSBs and taking the next 16-bits. As signals
get larger, the DVGA gain decreases until the point where the
DVGA gain is 1 and the 16-bit output data is simply the 16 MSBs
of the internal 24-bit data. As signals get even larger, attenuation
is accomplished by the normal method of increasing the ADC’s
full scale.
The extra 12 dB of gain range provided by the DVGA reduces
the input-referred truncation noise by 12 dB and makes the data
more tolerant of LSB corruption within the DSP. The price
paid for this extension to the gain range is that the start of AGC
action is 12 dB lower and that the AGC loop will be unstable if
its bandwidth is set too wide. The latter difficulty results from
the large delay of the decimation filters, DEC2 and DEC3,
when one implements a large decimation factor. As a result, given
an option, the use of 24-bit data is preferable to using the DVGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com