Electronic Components Datasheet Search
  English  ▼

X  

AD9874 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9874 Datasheet HTML 16Page - Analog Devices AD9874 Datasheet HTML 17Page - Analog Devices AD9874 Datasheet HTML 18Page - Analog Devices AD9874 Datasheet HTML 19Page - Analog Devices AD9874 Datasheet HTML 20Page - Analog Devices AD9874 Datasheet HTML 21Page - Analog Devices AD9874 Datasheet HTML 22Page - Analog Devices AD9874 Datasheet HTML 23Page - Analog Devices AD9874 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
REV. 0
–20–
AD9874
The bias, IBIAS, of the negative-resistance core has four pro-
grammable settings. Lower equivalent Q of the LC tank circuit
may require a higher bias setting of the negative-resistance core
to ensure proper oscillation. RBIAS should be selected so the
common-mode voltage at CLKP and CLKN is approximately
1.6 V. The synthesizer may be disabled via the CK standby bit
to allow the user to employ an external synthesizer and/or VCO
in place of those resident on the IC. Note, if an external CLK
source or VCO is used, the clock oscillator must be disabled via
the CKO standby bit.
The phase noise performance of the clock synthesizer is depen-
dent on several factors, including the CLK oscillator IBIAS
setting, the charge pump setting, the loop filter component
values, and the internal fREF setting. Figures 7b and 7c show
how the measured phase noise attributed to the clock synthe-
sizer varies (relative to an external fCLK) as a function of the
IBIAS setting and charge pump setting for a –31 dBm IFIN signal
at 73.35 MHz with an external LO signal at 71.1 MHz. Figure
7b shows that the optimum phase noise is achieved with the
highest IBIAS (CKO) setting, while Figure 7c shows that the
higher charge pump values provide the optimum performance
for the given loop filter configuration. The AD9874 clock syn-
thesizer and oscillator were set up to provide a fCLK of 18 MHz
from an external fREF of 16.8 MHz. The following external
component values were selected for the synthesizer: RF = 390
Ω,
RD = 2 k
Ω, C
Z = 0.68
µF, C
P = 0.1
µF, C
OSC = 91 pF, LOSC =
1.2
µH, and CVAR = Toshiba 1SV228 Varactor.
–25
0
–90
–100
–110
–120
–20
–15
–10
–5
0
5
10
15
20
25
CKO = 0
FREQUENCY OFFSET – kHz
–80
–70
–60
–50
–40
–30
–20
–10
CKO = 1
CKO = 2
EXT CLK
Figure 7b. CLK Phase Noise vs. IBIAS Setting (CKO)
(CLK SYN Settings: CKI = 7, CLR = 56, and CLN = 60
with fREF = 100kHz)
CLOCK SYNTHESIZER
The clock synthesizer is a fully programmable integer-N PLL
capable of 2.2 kHz resolution at clock input frequencies up to
18 MHz and reference frequencies up to 25 MHz. It is similar
to the LO synthesizer described previously in Figure 4 with the
following exceptions:
•
It does not include an 8/9 prescaler nor an A counter.
•
It includes a negative-resistance core that when used in conjunc-
tion with an external LC tank and varactor, serves as the VCO.
The 14-bit reference counter and 13-bit N-divider counter can
be programmed via the following registers: CKR and CKN.
The clock frequency, fCLK, is related to the reference
frequency by the following equation:
f
CKN CKR
f
CLK
REF
=
() ×
(5)
The charge pump current is programmable via the CKI register
from 0.625 mA to 5.0 mA using the following equation:
I
CKI
mA
PUMP
=+
() ×
10 625
.
(6)
The fast acquire subcircuit of the charge pump is controlled by
the CKFA Register in the same manner as the LO synthesizer is
controlled by the LOFA Register. An on-chip lock detect function
(enabled by the CKF bit) automatically increases the output
current for faster settling during channel changes. The synthe-
sizer may also be disabled using the CK standby bit located in
the STBY Register.
2
CLK OSC. BIAS
IBIAS = 0.15 mA, 0.25 mA,
0.40 mA, OR 0.65 mA
VDDC = 3.0 V
IOUTC
LOSC
0.1 F
RBIAS
COSC
LOOP
FILTER
CVAR
RD
AD9874
CLKN
CLKP
VCM = VDDC – RBIAS
IBIAS > 1.6V
f
OSC > 1/{2
(LOSC (CVARACTOR//COSC))1/2}
CP
CZ
RF
Figure 7a. External Loop Filter, Varactor, and LC Tank
Are Required to Realize a Complete Clock Synthesizer
The AD9874 clock synthesizer circuitry includes a negative-
resistance core so that only an external LC tank circuit with a
varactor is needed to realize a voltage controlled clock oscillator
(VCO). Figure 7a shows the external components required to
complete the clock synthesizer along with the equivalent input
circuitry of the CLK input. The resonant frequency of the VCO
is approximately determined by LOSC and the series equivalent
capacitance of COSC and CVAR. As a result, LOSC, COSC, and
CVAR should be selected to provide a sufficient tuning range to
ensure proper locking of the clock synthesizer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com