Electronic Components Datasheet Search
  English  ▼

X  

AD9874 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9874 Datasheet HTML 19Page - Analog Devices AD9874 Datasheet HTML 20Page - Analog Devices AD9874 Datasheet HTML 21Page - Analog Devices AD9874 Datasheet HTML 22Page - Analog Devices AD9874 Datasheet HTML 23Page - Analog Devices AD9874 Datasheet HTML 24Page - Analog Devices AD9874 Datasheet HTML 25Page - Analog Devices AD9874 Datasheet HTML 26Page - Analog Devices AD9874 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
REV. 0
AD9874
–23–
Based on these characterization curves, a LNA/mixer bias setting
of 3_3 is suitable for most applications since it will provide the
greatest dynamic range in the presence of multiple unfiltered
interferers. However, portable radio applications demanding the
lowest possible power may benefit by changing the LNA/mixer
bias setting based on the received signal strength power (i.e., RSSI)
available from the SSI output data. For instance, selecting an
LNA_Mixer bias setting of 1_2 for nominal input strength condi-
tions (i.e., <–45 dBm) would result in a 4 mA current savings
(i.e., 18% reduction). If the signal exceeds this level, a bias setting
of 3_3 could be selected. Lastly, refer to the Typical Performance
Characteristics (TPCs) for more performance graphs character-
izing the LNA and mixer’s effect upon the AD9874’s noise and
linearity performance under different operating conditions.
0
0
–1
–2
–3
–5
100
200
300
400
500
–4
FREQUENCY – MHz
–6
–7
–8
LNA_MIXER
1_2 SETTING
LNA_MIXER
3_3 SETTING
Figure 11c. LNA/Mixer Frequency Response vs. Bias Setting
A 16 dB step attenuator is also included within the LNA/mixer
circuitry to prevent large signals (i.e., > –18 dBm) from overdriving
the
-
modulator. In such instances, the -
modulator will
become unstable, thus severely desensitizing the receiver. The
16 dB step attenuator can be invoked by setting the ATTEN bit
(Register 0x03, Bit 7), causing the mixer gain to be reduced by
16 dB. The 16 dB step attenuator could be used in applications
in which a potential target or blocker signal could exceed the IF
input clip point. Although the LNA will be driven into compression,
it may still be possible to recover the desired signal if it is FM.
Refer to TPC 7c to see the gain compression characteristics of the
LNA and mixer with the 16 dB attenuator enabled.
Table IX. SPI Registers Associated with LNA/Mixer
Address
Bit
Default
(Hex)
Breakdown
Width
Value
Name
0x00
(7:0)
8
0xFF
STBY
0x01
(7:6)
2
0
LNAB
0x01
(5:4)
2
0
MIXB
0x03
(7)
1
0
ATTEN
Band-Pass Sigma-Delta (
- ) ADC
The ADC of the AD9874 is shown in Figure 12. The ADC contains
a sixth order multibit band-pass -
modulator that achieves very
high instantaneous dynamic range over a narrow frequency band.
The loop filter of the band-pass -
modulator consists of two
continuous-time resonators followed by a discrete-time resonator,
with each resonator stage contributing a pair of complex poles.
The first resonator is an external LC tank, while the second is an
on-chip active RC filter. The output of the LC resonator is
ac-coupled to the second resonator input via 100 pF capacitors.
The center frequencies of these two continuous-time resonators
must be tuned to fCLK/8 for the ADC to function properly. The
center frequency of the discrete-time resonator automatically scales
with fCLK, thus no tuning is required.
TO DIGITAL
FILTER
SC
RESO-
NATOR
NINE-
LEVEL
FLASH
ESL
GAIN
CONTROL
MIXER
OUTPUT
EXTERNAL
LC
fCLK = 13 MSPS–26 MSPS
MXOP
MXON
IF2P
IF2N
RC
RESO-
NATOR
DAC1
Figure 12. Equivalent Circuit of Sixth Order
Band-Pass
-
Modulator
Figure 13a shows the measured power spectral density measured
at the output of the undecimated band-pass - modulator. Note,
the wide dynamic range achieved at the center frequency, fCLK/8,
is achieved once the LC and RC resonators of the - modulator
have been successfully tuned. The out-of-band noise is removed
by the decimation filters following quadrature demodulation.
0
0
–10
–20
–30
–50
–40
FREQUENCY – MHz
–60
–70
–80
–90
–100
123456789
–2 dBFS OUTPUT
fCLK = 18MHz
NBW = 3.3kHz
Figure 13a. Measured Undecimated Spectral Output of
-
Modulator ADC with fCLK = 18 MSPS and Noise
Bandwidth of 3.3 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com