Electronic Components Datasheet Search
  English  ▼

X  

AD9874 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9874 Datasheet HTML 15Page - Analog Devices AD9874 Datasheet HTML 16Page - Analog Devices AD9874 Datasheet HTML 17Page - Analog Devices AD9874 Datasheet HTML 18Page - Analog Devices AD9874 Datasheet HTML 19Page - Analog Devices AD9874 Datasheet HTML 20Page - Analog Devices AD9874 Datasheet HTML 21Page - Analog Devices AD9874 Datasheet HTML 22Page - Analog Devices AD9874 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
REV. 0
AD9874
–19–
An example may help illustrate how the values of LOA, LOB, and
LOR can be selected. Consider an application employing a 13 MHz
crystal oscillator (i.e., fREF = 13 MHz) with the requirement that
fREF = 100 kHz and fLO = 143 MHz (i.e., high side injection with
fIF = 140.75 MHz and fCLK = 18 MSPS). LOR is selected to be
130 such that fREF = 100 kHz. The N-divider factor is 1430,
which can be realized by selecting LOB = 178 and LOA = 6.
The stability, phase noise, spur performance, and transient
response of the AD9874’s LO (and CLK) synthesizers are deter-
mined by the external loop filter, the VCO, the N-divide factor,
and the reference frequency, FREF. A good overview of the
theory and practical implementation of PLL synthesizers (fea-
tured as a three-part series in Analog Dialogue) can be found at:
• www.analog.com/library/analogDialogue/archives/33-03/phase/
index.html
• www.analog.com/library/analogDialogue/archives/33-05/
phase_locked/index.html
• www.analog.com/library/analogDialogue/archives/33-07/
phase3/index.html
Also, a free software copy of the Analog Devices ADIsimPLL,
a PLL synthesizer simulation tool, is available at www.analog.com/
technology/RFComms/rfif/ADIsimPLL.html. Note, the ADF4112
model can be used as a close approximation to the AD9874’s
LO synthesizer when using this software tool.
FREF
84k
~VDDL/2
LO
BUFFER
500
500
TO MIXER
LO PORT
1.75V
BIAS
LOP
LON
NOTES
1. ESD DIODE STRUCTURES OMITTED FOR CLARITY.
2. FREF STBY SWITCHES SHOWN WITH LO SYNTHESIZER ON.
Figure 6. Equivalent Input of LO and REF Buffers
Figure 6 shows the equivalent input structures of the synthesiz-
ers’ LO and REF buffers (excluding the ESD structures). The
LO input is fed to the LO synthesizer’s buffer as well as the
AD9874’s mixer’s LO port. Both inputs are self-biasing and
thus tolerate ac-coupled inputs. The LO input can be driven
with a single-ended or differential signal. Single-ended dc-
coupled inputs should ensure sufficient signal swing above and
below the common-mode bias of the LO and REF buffers
(i.e., 1.75 V and VDDL/2). Note, the FREF input is slew rate
dependent and must be driven with input signals exceeding
6.4 V/
msec to ensure synthesizer operation.
Fast Acquire Mode
The fast acquire circuit attempts to boost the output current when
the phase difference between the divided-down LO (i.e., fLO)
and the divided-down reference frequency (i.e., fREF) exceeds the
threshold determined by the LOFA Register. The LOFA Register
specifies a divisor for the fREF signal that determines the period
(T) of this divided-down clock. This period defines the time
interval used in the fast acquire algorithm to control the charge
pump current.
Assume for the moment that the nominal charge pump current
is at its lowest setting (i.e., LOI = 0) and denote this minimum
current by I0. When the output pulse from the phase comparator
exceeds T, the output current for the next pulse is 2 I0. When
the pulse is wider than 2 T, the output current for the next pulse is
3 I0, and so forth, up to eight times the minimum output current.
If the nominal charge pump current is more than the minimum
value (i.e., LOI > 0), the preceding rule is only applied if it results
in an increase in the instantaneous charge pump current. If the
charge pump current is set to its lowest value (LOI = 0) and the
fast acquire circuit is enabled, the instantaneous charge pump
current will never fall below 2 I0 when the pulsewidth is less than
T. Thus, the charge pump current when fast acquire is enabled
is given by:
II
LOI Pulse Width T
PUMP FA
-
=¥ +
0
11
{
max( ,
,
_
)}
(4)
The recommended setting for LOFA is LOR/16. Choosing a larger
value for LOFA will increase T. Thus, for a given phase differ-
ence between the LO input and the fREF input, the instantaneous
charge pump current will be less than that available for a LOFA
value of LOR/16. Similarly, a smaller value for LOFA will decrease
T, making more current available for the same phase difference.
In other words, a smaller value of LOFA will enable the synthe-
sizer to settle faster in response to a frequency hop than will a
large LOFA value. Care must be taken to choose a value for
LOFA that is large enough (values greater than 4 recommended)
to prevent the loop from oscillating back and forth in response
to a frequency hop.
Table VII. SPI Registers Associated with LO Synthesizer
Address
Bit
Default
(Hex)
Breakdown
Width
Value
Name
0x00
(7:0)
1
0xFF
STBY
0x08
(5:0)
6
0x00
LOR(13:8)
0x09
(7:0)
8
0x38
LOR(7:0)
0x0A
(7:5)
3
0x5
LOA
(4:0)
5
0x00
LOB(12:8)
0x0B
(7:0)
8
0x1D
LOB(7:0)
0x0C
(6)
1
0
LOF
(5)
1
0
LOINV
(4:2)
3
0
LOI
(1:0)
2
0
LOTM
0x0D
(3:0)
4
0x0
LOFA(13:8)
0x0E
(7:0)
8
0x04
LOFA(7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com