Electronic Components Datasheet Search
  English  ▼

X  

AD9670EBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 27Page - Analog Devices AD9670EBZ Datasheet HTML 28Page - Analog Devices AD9670EBZ Datasheet HTML 29Page - Analog Devices AD9670EBZ Datasheet HTML 30Page - Analog Devices AD9670EBZ Datasheet HTML 31Page - Analog Devices AD9670EBZ Datasheet HTML 32Page - Analog Devices AD9670EBZ Datasheet HTML 33Page - Analog Devices AD9670EBZ Datasheet HTML 34Page - Analog Devices AD9670EBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
AD9670
Data Sheet
Rev. A | Page 30 of 52
An example of the LVDS output using the ANSI-644 standard
(default) data eye and a time interval error (TIE) jitter histogram
with trace lengths of less than 24 inches on regular FR-4 material is
shown in Figure 45 and Figure 46. Figure 47 and Figure 48 show
examples of the trace lengths exceeding 24 inches on regular
FR-4 material. Notice that the TIE jitter histogram reflects the
decrease of the data eye opening as the edge deviates from the
ideal position; therefore, the user must determine whether the
waveforms meet the timing budget of the design when the trace
lengths exceed 24 inches.
400
–200
200
300
–100
100
–400
–300
0
–1.5
–0.5
–1.0
0
0.5
1.0
1.5
TIME (ns)
EYE: ALL BITS
ULS: 11197/11197
Figure 45. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
of Less Than 24 Inches on Standard FR-4 Material
70
0
10
20
30
40
50
60
–150
–100
–50
0
TIME (ps)
100
50
150
Figure 46. TIE Jitter Histogram for LVDS Outputs in ANSI-644 Mode with
Trace Lengths of Less Than 24 Inches on Standard FR-4 Material
400
–200
–300
200
300
–100
100
–400
0
–1.5
–0.5
–1.0
0
TIME (ns)
0.5
1.0
1.5
ULS: 11199/11199
EYE: ALL BITS
Figure 47. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths of
Greater Than 24 Inches on Standard FR-4 Material
TIME (ps)
80
70
0
10
20
30
40
50
60
–300
–200
–100
0
200
100
300
Figure 48. TIE Jitter Histogram for LVDS Outputs in ANSI-644 Mode with
Trace Lengths of Greater Than 24 Inches on Standard FR-4 Material
Additional SPI options allow the user to further increase the
internal current of all eight outputs to drive longer trace lengths.
Even though this produces sharper rise and fall times on the
data edges, it is less prone to bit errors and improves frequency
distribution. The power dissipation of the DRVDD supply
increases when this option is used.
In cases that require increased drive current, Register 0x015
allows the user to adjust the drivers from 2.0 mA to 3.72 mA.
Note that this feature requires Bit 3 of Register 0x015 to be
enabled. The drive current can be adjusted for both ANSI-644
and IEEE (low power) mode. See Table 27 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com