Electronic Components Datasheet Search
  English  ▼

X  

AD9670EBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 33Page - Analog Devices AD9670EBZ Datasheet HTML 34Page - Analog Devices AD9670EBZ Datasheet HTML 35Page - Analog Devices AD9670EBZ Datasheet HTML 36Page - Analog Devices AD9670EBZ Datasheet HTML 37Page - Analog Devices AD9670EBZ Datasheet HTML 38Page - Analog Devices AD9670EBZ Datasheet HTML 39Page - Analog Devices AD9670EBZ Datasheet HTML 40Page - Analog Devices AD9670EBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
AD9670
Data Sheet
Rev. A | Page 36 of 52
Field
Bits
Description
M
5
Decimation factor
M = N − 1, where N = decimation factor
0x00: decimate by 1 (no decimation, filtering only)
0x01: decimate by 2
0x02: decimate by 3
…
0x1F: decimate by 32
g
3
Digital gain compensation
Gain = 2
000: gain = 1 (no shift)
001: gain = 2 (shift by 1)
010: gain = 4 (shift by 2)
…
111: gain = 128 (shift by 7)
HPF Bypass
1
Digital high-pass filter (HPF) bypass
0 = disable (filter enabled)
1 = enable (filter bypassed)
POWER_START
15
ADC clock counted from TX_TRIG1 signal assertion when the active channels are powered up
Reserved
1
Reserved
POWER_STOP
15
ADC clock counted from TX_TRIG1 signal assertion when the active channels are powered down
1 TX_TRIG indicates the differential signal created via the TX_TRIG− pin and the TX_TRIG+ pin.
RF DECIMATOR
The input to the RF decimator is either the ADC output data or
a test waveform described in the Digital Test Waveforms section.
The test waveforms are enabled per channel in Register 0x11A
(see Table 27).
DC Offset Calibration
Reduce dc offset through a manual system calibration process.
Measure the dc offset of every channel in the system and then
set a calibration value in Register 0x110 and Register 0x111.
Note that these registers are both chip and local registers, meaning
that they are accessed using the chip address and device index.
Bypass the dc offset calibration in Register 0x10F, Bits[2:0].
Multiband Antialiasing Filter and Decimate by 2
The multiband filter is a finite pulse response (FIR). It is program-
mable with low or high band filtering. The filter requires 11 input
samples to populate. The decimation rate is fixed at 2×. Therefore,
the decimation frequency is fDEC = fSAMPLE/2. Figure 50 and Figure 51
show the frequency response of the filter, depending on the mode.
Figure 50 shows the attenuation amplitude over the Nyquist
frequency range. Figure 51 shows the pass band response as
nearly flat.
10
–60
020
FREQUENCY (MHz)
–50
–40
–30
–20
–10
0
2
4
6
8
10
12
14
16
18
LOW BAND FILTER
HIGH BAND FILTER
Figure 50. Antialiasing Filter Frequency Response (Frequency Scale Assumes
fADC = 2 × fDEC = 40 MHz)
2
–8
020
FREQUENCY (MHz)
2
4
6
8
1012
141618
LOW BAND FILTER
HIGH BAND FILTER
–7
–6
–5
–4
–3
–2
–1
0
1
Figure 51. Antialiasing Filter Frequency Response (Frequency Scale Assumes
fADC = 2 × fDEC = 40 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com