Electronic Components Datasheet Search
  English  ▼

X  

AD9670EBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 13Page - Analog Devices AD9670EBZ Datasheet HTML 14Page - Analog Devices AD9670EBZ Datasheet HTML 15Page - Analog Devices AD9670EBZ Datasheet HTML 16Page - Analog Devices AD9670EBZ Datasheet HTML 17Page - Analog Devices AD9670EBZ Datasheet HTML 18Page - Analog Devices AD9670EBZ Datasheet HTML 19Page - Analog Devices AD9670EBZ Datasheet HTML 20Page - Analog Devices AD9670EBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
AD9670
Data Sheet
Rev. A | Page 16 of 52
1.4
1.2
1.0
0.8
0.6
0.4
110
FREQUENCY (MHz)
234
567
89
Figure 15. Short-Circuit, Input Referred Noise vs. Frequency
–132
–146
–5
45
CHANNEL GAIN (dB)
–144
–142
–140
–138
–136
–134
0
5
10
15
20
25
30
35
40
PGA GAIN = 21dB
Figure 16. Short-Circuit, Output Referred Noise vs. Channel Gain,
PGA Gain = 21 dB, VGAIN = 1.6 V
70
50
10
55
CHANNEL GAIN (dB)
52
54
56
58
60
62
64
66
68
15
20
25
30
35
40
45
50
PGA GAIN = 21dB
PGA GAIN = 27dB
PGA GAIN = 30dB
PGA GAIN = 24dB
LNA GAIN = 21.3dB
Figure 17. SNR vs. Channel Gain and PGA Gain, AOUT = −1.0 dBFS
70
50
10
55
CHANNEL GAIN (dB)
52
54
56
58
60
62
64
66
68
15
20
25
30
35
40
45
50
LNA GAIN = 17.9dB
LNA GAIN = 21.3dB
LNA GAIN = 15.6dB
PGA GAIN = 27dB
Figure 18. SNR vs. Channel Gain and LNA Gain, AOUT = −1.0 dBFS
74
54
–5
55
CHANNEL GAIN (dB)
56
58
60
62
64
66
68
70
72
15
10
5
0
2025
3035404550
LNA GAIN = 21.3dB
PGA GAIN = 21dB
PGA GAIN = 30dB
PGA GAIN = 27dB
PGA GAIN = 24dB
Figure 19. SNR vs. Channel Gain and PGA Gain, AIN = −45 dBm
0
–10
020
15
10
5
INPUT FREQUENCY (MHz)
–9
–8
–7
–6
–5
–4
–3
–2
–1
SPEED MODE = I (40MSPS)
LO BAND MODE
Figure 20. Antialiasing Filter Pass-Band Response,
LPF Cutoff = 1/3 × fSAMPLE, HPF = 1/12 × LPF Cutoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com