Electronic Components Datasheet Search
  English  ▼

X  

AD9670EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 20Page - Analog Devices AD9670EBZ Datasheet HTML 21Page - Analog Devices AD9670EBZ Datasheet HTML 22Page - Analog Devices AD9670EBZ Datasheet HTML 23Page - Analog Devices AD9670EBZ Datasheet HTML 24Page - Analog Devices AD9670EBZ Datasheet HTML 25Page - Analog Devices AD9670EBZ Datasheet HTML 26Page - Analog Devices AD9670EBZ Datasheet HTML 27Page - Analog Devices AD9670EBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
Data Sheet
AD9670
Rev. A | Page 23 of 52
Table 10. High-Pass Filter Cutoff Frequency, fHP, for CLG = 10 nF
Reg. 0x120,
Bits[4:3]
gm
(mS)
LNAGAIN =
15.6 dB (kHz)
LNAGAIN =
17.9 dB
(kHz)
LNAGAIN =
21.6 dB (kHz)
00 (default)
0.5
41
55
83
01
1.0
83
110
167
10
1.5
133
178
267
11
2.0
167
220
330
For other values of CLG, determine the high-pass filter cutoff
frequency by scaling the values from Table 10 or calculating
based on CLG, LNAGAIN, and gm, as shown in Equation 6.
fHP (CLG) =
2
1
× LNAGAIN ×
LG
m
C
g
= fHP (see Table 10) ×
LG
C
nF
10
(6)
Variable Gain Amplifier (VGA)
The differential X-AMP VGA provides precise input attenu-
ation and interpolation. It has a low input referred noise of
2.5 nV/√Hz and excellent gain linearity. The VGA is driven by
a fully differential input signal from the LNA. The X-AMP archi-
tecture produces a linear in dB gain law conformance and low
distortion levels—deviating by only ±0.5 dB or less from the
ideal. The gain slope is monotonic with respect to the control
voltage and is stable with variations in process, temperature,
and supply. The resulting total gain range is 45 dB, which allows
range loss at the endpoints. The X-AMP inputs are part of a PGA
that completes the VGA. The PGA in the VGA is programmable
to a gain of 21 dB, 24 dB, 27 dB, or 30 dB. This allows the
optimization of channel gain for different imaging modes in the
ultrasound system. The VGA bandwidth is greater than 100 MHz.
The input stage is designed to ensure excellent frequency response
uniformity across the gain setting. For TGC mode, this uniformity
minimizes time delay variation across the gain range.
Gain Control
The analog gain control interface, GAIN±, is a differential input.
VGAIN varies the gain of all VGAs through the interpolator by
selecting the appropriate input stages connected to the input
attenuator. The nominal VGAIN range is 14 dB/V from −1.6 V to
+1.6 V, with the best gain linearity from approximately −1.44 V
to +1.44 V, where the error is typically less than ±0.5 dB. For
VGAIN voltages of greater than +1.44 V and less than −1.44 V, the
error increases. The value of GAIN± can exceed the supply
voltage by 1 V without gain foldover.
Gain control response time is less than 750 ns to settle within 10%
of the final value for a change from minimum to maximum gain.
The differential input pins, GAIN+ and GAIN−, can be interfaced
as shown in Figure 38. DC couple the GAIN+ and GAIN− pins,
and drive them to accommodate a 3.2 V full-scale input.
249Ω
AD9670
249Ω
±0.8V DC
AT 0.8V CM
±1.6V
±0.8V DC
AT 0.8V CM
249Ω
AVDD2
0.8V CM
249Ω
100Ω
0.01µF
GAIN+
GAIN–
0.01µF
100Ω
31.3kΩ
10kΩ
ADA4938-1/
ADA4938-2
Figure 38. Differential GAIN± Pin Configuration
Disable the analog gain control and digitally control the
attenuator using SPI Register 0x011, Bits[7:4]. The control
range is 45 dB, and the step size is 3.5 dB.
VGA Noise
In a typical application, a VGA compresses a wide dynamic
range input signal to within the input span of an ADC. The
input referred noise of the LNA limits the minimum resolvable
input signal, whereas the output referred noise, which depends
primarily on the VGA, limits the maximum instantaneous
dynamic range that can be processed at any one particular gain
control voltage. This latter limit is set in accordance with the
total noise floor of the ADC.
The output referred noise is a flat 40 nV/√Hz (postamplifier gain =
24 dB) over most of the gain range because it is dominated by the
fixed output referred noise of the VGA. At the high end of the
gain control range, the noise of the LNA and of the source
prevail. The input referred noise reaches its minimum value
near the maximum gain control voltage, where the input referred
contribution of the VGA is miniscule.
At lower gains, the input referred noise and, therefore, the
noise figure, increases as the gain decreases. The instantaneous
dynamic range of the system is not lost, however, because the
input capacity increases as the input referred noise increases. The
contribution of the ADC noise floor has the same dependence. The
important relationship is the magnitude of the VGA output
noise floor relative to that of the ADC.
Gain control noise is a concern in very low noise applications.
Thermal noise in the gain control interface can modulate the
channel gain. The resulting noise is proportional to the output
signal level and is usually evident only when a large signal is
present. Take care to minimize noise impinging at the GAIN±
inputs. Use an external RC filter to remove VGAIN source noise. The
filter bandwidth must be sufficient to accommodate the desired
control bandwidth and attenuate unwanted switching noise from
the external DACs used to drive the gain control.
The AD9670 can bypass the GAIN± inputs and control the gain
of the attenuator digitally (see the Gain Control section). This
mode removes any external noise contributions when active
gain control is not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com