Electronic Components Datasheet Search
  English  ▼

X  

HT32F12366 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT32F12366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F12366 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT32F12366 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 41Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 43Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Rev. 1.00
40 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
IOL
Low level output
cu��ent (GPIO
Sink cu��ent)
3.3 V I/O 4 �A d�ive� VOL = 0.4 V
4
—
—
�A
3.3 V I/O 8 �A d�ive� VOL = 0.4 V
8
—
—
�A
3.3 V I/O 1� �A d�ive�
VOL = 0.4 V
1�
—
—
�A
3.3 V I/O 16 �A d�ive�
VOL = 0.4 V
16
—
—
�A
Backup Do�ain I/O d�ive @
VDD = 3.3 V�
VOL = 0.4 V� PB10� PB11� PB1�
4
—
—
�A
IOH
High level output
cu��ent (GPIO
Sou�ce cu��ent)
3.3 V I/O 4 �A d�ive�
VOH = VDD - 0.4 V
4
—
—
�A
3.3 V I/O 8 �A d�ive�
VOH = VDD - 0.4 V
8
—
—
�A
3.3 V I/O 1� �A d�ive�
VOH = VDD - 0.4 V
1�
—
—
�A
3.3 V I/O 16 �A d�ive�
VOH = VDD - 0.4 V
16
—
—
�A
Backup Do�ain I/O d�ive @
VDD = 3.3 V� VOL = VDD - 0.4 V�
PB10� PB11� PB1�.
—
—
�
�A
VOL
Low level output
voltage
3.3V 4 �A d�ive I/O� IOL = 4 �A
—
—
0.4
V
3.3V 8 �A d�ive I/O� IOL = 8 �A
—
—
0.4
V
3.3V 1� �A d�ive I/O� IOL = 1� �A
—
—
0.4
V
3.3V 16 �A d�ive I/O� IOL = 16 �A
—
—
0.4
V
Backup Do�ain
I/OSink Cu��ent =
4 �A (Low d�iving
st�ength)
VDD =
�.� V ~ 3.6 V
—
—
0.4
V
VDD =
�.0 V ~ �.� V
—
—
0.6
V
Backup Do�ain
I/O Sink Cu��ent
= 8 �A (High
d�iving st�ength)
VDD =
�.� V ~ 3.6 V
—
—
0.4
V
VDD =
�.0 V~ �.� V
—
—
0.6
V
VOH
High level output
voltage
3.3 V 4 �A d�ive I/O� IOH = 4 �A VDD - 0.4
—
—
V
3.3 V 8 �A d�ive I/O� IOH = 8 �A VDD - 0.4
—
—
V
3.3 V 1� �A d�ive I/O�
IOL = 1� �A
VDD - 0.4
—
—
V
3.3 V 16 �A d�ive I/O�
IOL = 16 �A
VDD - 0.4
—
—
V
Backup Do�ain I/
O Sou�ce Cu��ent
= � �A
VDD =
�.� V ~ 3.6 V
�.4
—
—
V
Backup Do�ain I/
O Sou�ce Cu��ent
= 1 �A
VDD =
�.0 V ~ �.� V VDD - 0.4
—
—
V
RPU
Inte�nal pull-up
�esisto�
3.3 V I/O
—
46
—
kΩ
RPD
Inte�nal pull-down
�esisto�
3.3 V I/O
—
46
—
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com