Electronic Components Datasheet Search
  English  ▼

X  

HT32F12366 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT32F12366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F12366 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT32F12366 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Rev. 1.00
9 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
External Interrupt/Event Controller – EXTI
▆
Up to 16 EXTI lines with configurable trigger source and type
▆
All GPIO pins can be selected as EXTI trigger source
▆
Source trigger type includes high level, low level, negative edge, positive edge, or both edge
▆
Individual interrupt enable, wakeup enable and status bits for each EXTI line
▆
Software interrupt trigger mode for each EXTI line
▆
Integrated deglitch filter for short pulse blocking
The External Interrupt/Event Controller, EXTI, comprises 16 edge detectors which can generate
a wake-up event or interrupt requests independently. Each EXTI line can also be masked
independently.
Analog to Digital Converter – ADC
▆
12-bit SAR ADC engine
▆
Up to 1 Msps conversion rate
▆
Up to 16 external analog input channels
▆
Conversion range: VREF+ ~ VREF-
A 12-bit multi-channel ADC is integrated in the device. There are multiplexed channels, which
include 16 external analog signal channels and 2 internal channels can be measured. If the input
voltage is required to remain within a specific threshold window, an Analog Watchdog function
will monitor and detect these signals. An interrupt will then be generated to inform the device
that the input voltage is not within the preset threshold levels. There are three conversion modes
to convert an analog signal to digital data. The ADC can be operated in one shot, continuous and
discontinuous conversion modes.
Analog Comparator – CMP
▆
Two rail-to-rail comparators
▆
Each comparator has configurable negative inputs used for flexible voltage selection
▆
Dedicated I/O pin or internal voltage reference provided by 6-bit scaler
▆
Programmable hysteresis
▆
Programming speed and consumption
▆
Comparator output can be output to I/O or to timers or ADC trigger inputs
▆
6-bit scaler can be configurable to dedicated I/O for voltage reference
▆
Comparator has interrupt generation capability with wakeup MCU from Sleep or Deep Sleep
modes through the EXTI controller
The two general purpose comparators (CMP) are implemented within the device. They can be
configured either as standalone comparators or combined with the different kinds of peripheral IP.
Each comparator is capable of asserting interrupts to the NVIC or wakeup the MCU Sleep or Deep
Sleep modes through EXTI wakeup event management unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com