Electronic Components Datasheet Search
  English  ▼

X  

HT32F12366 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT32F12366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F12366 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT32F12366 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Rev. 1.00
35 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Power Consumption
Table 8. Power Consumption Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
fHCLK
Conditions
Min. Typ. Max. Unit
IDD
Supply cu��ent
(Run �ode)
96 MHz
VDD = VBAT = 3.3 V
HSI = 8 MHz
PLL = 96 MHz
All pe�iphe�als ena�led
—
51
—
�A
All pe�iphe�als disa�led
—
�8
—
�� MHz
VDD = VBAT = 3.3 V
HSI = 8 MHz
PLL = �� MHz
All pe�iphe�als ena�led
—
4�.5
—
All pe�iphe�als disa�led
—
�4
—
48 MHz
VDD = VBAT = 3.3 V
HSI = 8 MHz
PLL = 96 MHz
All pe�iphe�als ena�led
—
3�
—
All pe�iphe�als disa�led
—
�0
—
�4 MHz
VDD = VBAT = 3.3 V
HSI = 8 MHz
PLL = 96 MHz
All pe�iphe�als ena�led
—
�1.5
—
All pe�iphe�als disa�led
—
1�
—
8 MHz
VDD = VBAT = 3.3 V
HSI = 8 MHz
PLL = off
All pe�iphe�als ena�led
—
10.5
—
All pe�iphe�als disa�led
—
5.6
—
1 MHz
VDD = VBAT = 3.3 V
HSI = 8 MHz
PLL = off
All pe�iphe�als ena�led
—
4.8
—
All pe�iphe�als disa�led
—
�.�
—
3� kHz
VDD = VBAT = 3.3 V
LSI = 3� kHz
LDO low cu��ent
�ode
All pe�iphe�als ena�led
—
61
—
μA
All pe�iphe�als disa�led
—
50
—
Supply cu��ent
(Sleep �ode)
96 MHz
VDD = VBAT = 3.3 V
HSI = 8 MHz
PLL = 96 MHz
MCU co�e sleep
All pe�iphe�als ena�led
—
30
—
�A
All pe�iphe�als disa�led
—
3.�
—
Supply cu��ent
(Deep-Sleep1 �ode)
—
VDD = VBAT = 3.3 V�
All clock off (HSI/PLL/fHCLK)�
LDO in low powe� �ode� LSE off� LSI on�
RTC on
—
35
—
μA
Supply cu��ent
(Deep-Sleep� �ode)
—
VDD = VBAT = 3.3 V�
All clock off (HSI/PLL/fHCLK)�
LDO off (DMOS on)� LSE off� LSI on�
RTC on
—
14
—
μA
Supply cu��ent
(Powe�-Down �ode)
—
VDD = VBAT = 3.3V� LDO off� LSE on�
LSI on� RTC on
—
1.9
—
μA
VDD = VBAT = 3.3 V� LDO off� LSE off�
LSI on� RTC off
—
1.�
—
μA
IBAT
Batte�y supply
cu��ent (Powe�-
Down �ode)
—
VDD not p�esent� VBAT = 3.3 V� LDO off�
LSE on� LSI on� RTC on
—
�.4
—
μA
VDD not p�esent� VBAT = 3.3 V� LDO off�
LSE off� LSI on� RTC off
—
1.5
—
μA
�ote: 1. HSE �eans high speed exte�nal oscillato�. HSI �eans 8 MHz high speed inte�nal oscillato�.
�. LSE �eans 3�.�68 kHz low speed exte�nal oscillato�. LSI �eans 3� kHz low speed inte�nal oscillato�.
3. RTC �eans �eal ti�e clock.
4. Code = while (1) { �08 �OP } executed in Flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com