Electronic Components Datasheet Search
  English  ▼

X  

HT32F12366 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT32F12366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F12366 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT32F12366 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Rev. 1.00
16 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
CPU. The data and address lines are multiplexed in order to reduce the number of pins required to
connect to the external devices. The read/write timing of the bus can be adjusted to meet the timing
specification of the external devices. Note the interface only supports asynchronous 8-bit or 16-bit
bus interface.
Universal Serial Bus Device Controller – USB
▆
Complies with USB 2.0 full-speed (12 Mbps) specification
▆
On-chip USB full-speed transceiver
▆
1 control endpoint (EP0) for control transfer
▆
3 single-buffered endpoints for bulk and interrupt transfer
▆
4 double-buffered endpoints for bulk, interrupt and isochronous transfer
▆
1024 bytes EP-SRAM used as the endpoint data buffers
The USB device controller is compliant with the USB 2.0 full-speed specification. There is one
control endpoint known as Endpoint 0 and seven configurable endpoints. A 1024 bytes SRAM
is used as the endpoint buffer. Each endpoint buffer size is programmable using corresponding
registers, which provides maximum flexibility for various applications. The integrated USB full-
speed transceiver helps to minimize the overall system complexity and cost. The USB functional
block also contains the resume and suspend feature to meet the requirements of low-power
consumption.
Advanced Encryption Standard – AES
▆
Supports AES Encrypt / Decrypt Function
▆
Supports AES ECB/CBC/CTR mode
▆
Supports Key Size 128, 192 and 256 bits
▆
Supports 4 words Initial Vector for CBC and CTR mode
▆
8 × 32 bits ( Each IN and OUT FIFO Capacity ) for 2 AES Data blocks
▆
Supports DMA Interface
▆
Supports Word Data Swap Function
The AES core supports encryption and decryption function. AES only supports 128 bits input data
to do encryption or decryption. Hardware does not pad any bits of input data. Software need to do
pad action at first.
Secure Digital Input Output – SDIO
▆
Supports two different data bus modes: 1-bit (default) and 4-bit
▆
Supports two different speed modes: Normal speed (default) and High speed
▆
SD clock frequency of up to 48 MHz
▆
SPI mode and MMC stream mode not supported
The SDIO includes a command register, argument register, response registers, data buffer, timeout
counter and error detection logic. The SDIO supports single block and multi-block data transfers
and is compatible with the PDMA, minimizing processor intervention for large data transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com