Electronic Components Datasheet Search
  English  ▼

X  

HT32F12366 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT32F12366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F12366 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT32F12366 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Rev. 1.00
31 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Table 4. Pin Description
Pin Number
Pin
Name
Type
(1)
I/O Structure
(2)
Output
Driving
Description
100
LQFP
64
LQFP
48
LQFP
46
QFN
Default Function (AF0)
1
1
1
46
PA0
AI/O
33V
4/8/1�/16 �A PA0
�
�
�
1
PA1
AI/O
33V
4/8/1�/16 �A PA1
3
3
3
�
PA�
AI/O
33V
4/8/1�/16 �A PA�
4
4
4
3
PA3
AI/O
33V
4/8/1�/16 �A PA3
5
5
5
4
PA4
AI/O
33V
4/8/1�/16 �A PA4
6
6
6
5
PA5
AI/O
33V
4/8/1�/16 �A PA5
�
�
�
6
PA6
AI/O
33V
4/8/1�/16 �A PA6
8
8
8
�
PA�
AI/O
33V
4/8/1�/16 �A PA�
9
PE8
AI/O
33V
4/8/1�/16 �A PE8
10
PE9
AI/O
33V
4/8/1�/16 �A PE9
11
PE10
AI/O
33V
4/8/1�/16 �A PE10
1�
PE11
AI/O
33V
4/8/1�/16 �A PE11
13
PE1�
AI/O
33V
4/8/1�/16 �A PE1�
14
9
9
VDD_3
P
—
—
Voltage fo� digital I/O
15
10
10
EP
VSS_3
P
—
—
G�ound �efe�ence fo� digital I/O
16
11
PC9
AI/O
33V
4/8/1�/16 �A PC9
1�
1�
PC10
AI/O
33V
4/8/1�/16 �A PC10
18
13
PC11
AI/O
33V
4/8/1�/16 �A PC11
19
14
PC1�
AI/O
33V
4/8/1�/16 �A PC1�
�0
PD6
AI/O
33V
4/8/1�/16 �A PD6
�1
15
11
8
PB1�
I/O
33V
4/8/1�/16 �A PB1�
��
15
11
8
USBDM AI/O
—
—
USB Diffe�ential data �us confo��ing to
the Unive�sal Se�ial Bus standa�d
�3
16
1�
9
USBDP
AI/O
—
—
USB Diffe�ential data �us confo��ing to
the Unive�sal Se�ial Bus standa�d
�4
16
1�
9
PB13
I/O
33V
4/8/1�/16 �A PC�
�5
�C
—
—
—
�C
�6
1�
13
10
CLDO
P
—
—
Co�e powe� LDO 1.5V output.
It is �eco��ended to connect a 4.�uF
capacito� as close as possi�le �etween
this pin and VSS_1.
��
18
14
11
VDD_1
P
—
—
Voltage fo� digital I/O
�8
19
15
1�
VSS_1
P
—
—
G�ound �efe�ence fo� digital I/O
�9
�0
16
13
nRST
I(BK)
33V_PU
—
Exte�nal �eset pin and exte�nal wakeup
pin in the Powe�-Down �ode
30
�1
1�
14
VBAT
P
—
—
Batte�y powe� input fo� the �ackup do�ain
31
��
18
15 PC13(4)
AI/
O(BK)
33V
< � �A
X3�KI�
3�
�3
19
16 PC14(4)
AI/
O(BK)
33V
< � �A
X3�KOUT
33
�4
�0
1� PC15(4)
I/
O(BK)
33V
< � �A
RTCOUT
34
�5
PD0
I/O
33V
4/8/1�/16 �A PD0
35
PE13
I/O
33V
4/8/1�/16 �A PE13
36
PE14
I/O
33V
4/8/1�/16 �A PE14
3�
PE15
I/O
33V
4/8/1�/16 �A PE15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com