Electronic Components Datasheet Search
  English  ▼

X  

HT32F12366 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT32F12366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F12366 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT32F12366 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Rev. 1.00
�6 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
64
63
6�
61
60
59
58
5�
56
55
54
1
�
3
4
5
6
�
8
9
10
15
1�
18
19
�0
�1
��
�3
�4
�5
�6
��
4�
46
45
44
43
4�
41
40
39
38
3�
PA0
PA1
PA�
PA3
PA4
PA5
PA6
PA�
VDD_3
USBDM/
PB1�
USBDP/
PB13
VSS_�
VDD_�
PB1
PB0
PA10
AF0
(Default)
AF1
P33 BAK
33V
BAK
P33
BAK
33V
BAK
33V
BAK
33V
33V
33V
33V
P15
USB
USB
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
AP
AP
53
16
�8
48
AF0
(Default)
33V
VSS_3
P33
P33
P33
33V
33V
33V
33V
33V 33V
P33
P33
11
1�
13
PC9
PC11
PC1�
14
PC10
�9
30
31
3�
5�
51
50
49
36
35
34
33
PA9_
BOOT1
PA8_
BOOT0
PC3
33V
33V
33V
33V
33V
33V
33V
PC5
PC4
PC6
P33
P33
33V
33V
33V
33V
33V
33V
33V 33V 33V
33V
33V
33V
33V
33V
33V 33V
P33
AP
P15
33V
3.3 V Digital Powe� Pad
3.3 V Analog Powe� Pad
1.5 V Powe� Pad
3.3 V Digital & Analog I/O Pad
USB USB PHY Pad
BAK Backup Do�ain Pad
JTRST
JTDI
JTCK/
SWCLK
JTDO
JTMS/
SWDIO
PA11
PA1�
PA13
PA14
PA15
33V 3.3 V Digital I/O Pad
33V 33V
HT32F12365/12366/22366
64 LQFN-A
Figure 6. 64-pin LQFP Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com