Electronic Components Datasheet Search
  English  ▼

X  

HT32F12366 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT32F12366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F12366 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT32F12366 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Rev. 1.00
33 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Pin Number
Pin
Name
Type
(1)
I/O Structure
(2)
Output
Driving
Description
100
LQFP
64
LQFP
48
LQFP
46
QFN
Default Function (AF0)
80
53
PC�
I/O
33V
4/8/1�/16 �A PC�
81
54
PC8
I/O
33V
4/8/1�/16 �A PC8
8�
PE1
I/O
33V
4/8/1�/16 �A PE1
83
PE�
I/O
33V
4/8/1�/16 �A PE�
84
PE3
I/O
33V
4/8/1�/16 �A PE3
85
55
VDD_4
P
—
—
Voltage fo� digital I/O
86
56
VSS_4
P
—
—
G�ound �efe�ence fo� digital I/O
8�
PE4
I/O
33V
4/8/1�/16 �A PE4
88
PE5
I/O
33V
4/8/1�/16 �A PE5
89
PE6
I/O
33V
4/8/1�/16 �A PE6
90
PE�
I/O
33V
4/8/1�/16 �A PE�
91
5�
41
38
PB6
AI/O
33V
4/8/1�/16 �A PB6
9�
58
4�
39
PB�
AI/O
33V
4/8/1�/16 �A PB�
93
59
43
40
PB8
AI/O
33V
4/8/1�/16 �A PB8
94
60
44
41
PB9
AI/O
33V
4/8/1�/16 �A PB9
95
61
45
4�
PB10
AI/O
33V
4/8/1�/16 �A PB10
96
6�
46
43
PB11
AI/O
33V
4/8/1�/16 �A PB11
9�
63
4�
44
VDDA
P
—
—
Analog voltage fo� ADC and Co�pa�ato�
98
63
4�
44
VREF+
P
—
—
ADC positive �efe�ence voltage has to �e
lowe� o� equal to VDDA
99
64
48
45
VREF-
P
—
—
ADC negative �efe�ence voltage has to �e
di�ectly connected to VSSA
100
64
48
45
VSSA
P
—
—
G�ound �efe�ence fo� the ADC and
Co�pa�ato�
�ote: 1. I = Input� O = Output� A = Analog po�t� P = Powe� supply� PU = Pull-up� BK = Backup do�ain� EP =
Exposed pad of the QF� package.
�. 33 V = 3.3 V tole�ant.
3. The GPIOs a�e in an AF0 state afte� a VDD15 powe� on �eset (POR) except fo� the RTCOUT pin in the
Backup Do�ain I/O. The RTCOUT pin is �eset �y the Backup Do�ain powe�-on-�eset (PORB) o� �y the
Backup Do�ain softwa�e �eset (BAK_RST �it in BAK_CR �egiste�).
4. The �ackup do�ain of the I/O pins have a sou�ce cu��ent capa�ility li�itation of < � �A @ VDD = 3.3 V
and sink current typical is 4/8 mA configurable @ VDD = 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com