Electronic Components Datasheet Search
  English  ▼

X  

HT32F12366 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT32F12366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F12366 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT32F12366 Datasheet HTML 4Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Rev. 1.00
8 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Reset Control Unit – RSTCU
▆
Supply supervisor:
● Power On Reset / Power Down Reset – POR/PDR
● Brown-out Detector – BOD
● Programmable Low Voltage Detector – LVD
The Reset Control Unit, RSTCU, has three kinds of reset, a power on reset, a system reset and an
APB unit reset. The power on reset, known as a cold reset, resets the full system during power up.
A system reset resets the processor core and peripheral IP components with the exception of the
SWJ-DP controller. The resets can be triggered by an external signal, internal events and the reset
generators.
Clock Control Unit – CKCU
▆
External 4 to 16 MHz crystal oscillator
▆
External 32.768 kHz crystal oscillator
▆
Internal 8 MHz RC oscillator trimmed to ±2% accuracy at 3.3 V operating voltage and 25°C
operating temperature
▆
Internal 32 kHz RC oscillator
▆
Integrated system clock PLL
▆
Independent clock divider and gating bits for peripheral clock sources
The Clock Control unit, CKCU, provides a range of oscillator and clock functions. These include
a High Speed Internal RC oscillator (HSI), a High Speed External crystal oscillator (HSE), a
Low Speed Internal RC oscillator (LSI), a Low Speed External crystal oscillator (LSE), a Phase
Lock Loop (PLL), a HSE clock monitor, clock prescalers, clock multiplexers, APB clock divider
and gating circuitry. The clocks of the AHB, APB and Cortex®-M3 are derived from the system
clock (CK_SYS) which can come from the LSI, LSE, HSI, HSE or PLL. The Watchdog Timer and
Real Time Clock (RTC) use either the LSI or LSE as their clock source. The maximum operating
frequency of the system core clock (CK_AHB) can be up to 96 MHz.
Power Management – PWRCU
▆
Single VDD power supply: 2.0 V to 3.6 V
▆
Integrated 1.5 V LDO regulator for CPU core, peripherals and memories power supply
▆
VBAT battery power supply for RTC and backup registers
▆
Three power domains: VDD, 1.5V and Backup
▆
Four power saving modes: Sleep, Deep-Sleep1, Deep-Sleep2, Power-Down
Power consumption can be regarded as one of the most important issues for many embedded
system applications. Accordingly the Power Control Unit, PWRCU, in these devices provides many
types of power saving modes such as Sleep, Deep-Sleep1, Deep-Sleep2 and Power-Down mode.
These operating modes reduce the power consumption and allow the application to achieve the best
trade-off between the conflicting demands of CPU operating time, speed and power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com