Electronic Components Datasheet Search
  English  ▼

X  

DAC5574 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5574
Description  QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5574 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC5574 Datasheet HTML 4Page - Texas Instruments DAC5574 Datasheet HTML 5Page - Texas Instruments DAC5574 Datasheet HTML 6Page - Texas Instruments DAC5574 Datasheet HTML 7Page - Texas Instruments DAC5574 Datasheet HTML 8Page - Texas Instruments DAC5574 Datasheet HTML 9Page - Texas Instruments DAC5574 Datasheet HTML 10Page - Texas Instruments DAC5574 Datasheet HTML 11Page - Texas Instruments DAC5574 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
2.3
2.4
2.5
2.6
2.7
0
1
2
3
4
5
ISOURCE − Source Current − mA
DAC Loaded With FFH
VDD = 2.7 V
Typical For All Channels
Digital Input Code
0
100
200
300
400
500
600
700
800
0
32
64
96
128
160
192
224
VDD = 2.7 V
VDD = 5.5 V
All Channels Powered, No Load
255
TA − Free−Air Temperature − °C
0
100
200
300
400
500
600
700
−40
−10
20
50
80
110
VDD = 2.7 V
VDD = 5.5 V
All Channels Powered, No Load
VDD − Supply Voltage − V
200
250
300
350
400
450
500
550
600
650
700
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
All DACs Powered, No Load
IDD − Current Consumption − µA
0
500
1000
1500
2000
500 520 540 560 580 600 620 640 660 680 700 720 740
VDD = 5 V
VLogic − Logic Input Voltage − V
200
400
600
800
1000
1200
0
1
2
3
4
5
TA = 25°C
A0 Input (All Other Inputs = GND)
VDD = 2.7 V
VDD = 5.5 V
DAC5574
SLAS407 – DECEMBER 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
SOURCE CURRENT CAPABILITY
SUPPLY CURRENT
AT POSITIVE RAIL
vs DIGITAL INPUT CODE
Figure 15.
Figure 16.
SUPPLY CURRENT
SUPPLY CURRENT
vs TEMPERATURE
vs SUPPLY VOLTAGE
Figure 17.
Figure 18.
SUPPLY CURRENT
HISTOGRAM
vs LOGIC INPUT VOLTAGE
OF CURRENT CONSUMPTION
Figure 19.
Figure 20.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com