Electronic Components Datasheet Search
  English  ▼

X  

DAC5574 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5574
Description  QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5574 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC5574 Datasheet HTML 12Page - Texas Instruments DAC5574 Datasheet HTML 13Page - Texas Instruments DAC5574 Datasheet HTML 14Page - Texas Instruments DAC5574 Datasheet HTML 15Page - Texas Instruments DAC5574 Datasheet HTML 16Page - Texas Instruments DAC5574 Datasheet HTML 17Page - Texas Instruments DAC5574 Datasheet HTML 18Page - Texas Instruments DAC5574 Datasheet HTML 19Page - Texas Instruments DAC5574 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.ti.com
DAC5574 Registers
DAC5574 as a Slave Receiver - Standard and Fast Mode
SLAVE ADDRESS R/W
A Ctrl-Byte
A MS-Byte A
LS-Byte
A/A
P
0 (write)
Data Transferred
(n* Words + Acknowledge)
Word = 16 Bit
From Master to DAC5574
From DAC5574 to Master
A = Acknowledge (SDA LOW)
A = Not Acknowledge (SDA HIGH)
S = START Condition
Sr = Repeated START Condition
P = STOP Condition
DAC5574 I2C-SLAVE ADDRESS:
1
0
0
1
1
A1
A0
R/W
MSB
LSB
Factory Preset
A0 = I2C Address Pin
A1 = I2C Address Pin
S
0 = Write to DAC5574
1 = Read from DAC5574
DAC5574
SLAS407 – DECEMBER 2003
Table 3. DAC5574 Architecture Register Descriptions
REGISTER
DESCRIPTION
CTRL[7:0]
Stores 8-bit wide control byte sent by the master
MSB[7:0]
Stores the 8 most significant bits of unsigned binary data sent by the master. Can also store 2-bit power-down data.
TRA[9:0], TRB[9:0],
10-bit temporary storage registers assigned to each channel. Two MSBs store power-down information, 8 LSBs
TRC[9:0], TRD[9:0]
store data.
DRA[9:0], DRB[9:0],
10-bit DAC registers for each channel. Two MSBs store power-down information, 8 LSBs store DAC data. An
DRC[9:0], DRD[9:0]
update of this register means a DAC update with data or power down.
Figure 33 shows the standard and fast mode master transmitter addressing a DAC5574 Slave Receiver with a
7-bit address.
Figure 33. Standard and Fast Mode: Slave Receiver
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com