Electronic Components Datasheet Search
  English  ▼

X  

DAC5574 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5574
Description  QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5574 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC5574 Datasheet HTML 19Page - Texas Instruments DAC5574 Datasheet HTML 20Page - Texas Instruments DAC5574 Datasheet HTML 21Page - Texas Instruments DAC5574 Datasheet HTML 22Page - Texas Instruments DAC5574 Datasheet HTML 23Page - Texas Instruments DAC5574 Datasheet HTML 24Page - Texas Instruments DAC5574 Datasheet HTML 25Page - Texas Instruments DAC5574 Datasheet HTML 26Page - Texas Instruments DAC5574 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
www.ti.com
Resistor
String DAC
Powerdown
Circuitry
VOUT
Amplifier
Resistor
Network
CURRENT CONSUMPTION
DRIVING RESISTIVE AND CAPACITIVE LOADS
DAC5574
SLAS407 – DECEMBER 2003
Table 8. Power-Down Modes of Operation for the DAC5574
CTRL[0]
MSB[7]
MSB[6]
OPERATING MODE
1
0
0
High Impedance Output
1
0
1
1 k
Ω to GND
1
1
0
100 k
Ω to GND
1
1
1
High Impedance
When (CTRL[0] = PD0 = 0), the device works normally with its normal power consumption of 150 µA at 5 V per
channel. However, for the power-down modes, the supply current falls to 200 nA at 5 V (50 nA at 3 V). Not only
does the supply current fall but also the output stage is also internally switched from the output of the amplifier to
a resistor network of known values. This has the advantage that the output impedance of the device is known
while in power-down mode. There are three different options: The output is connected internally to GND through
a 1-k
Ω resistor, a 100-kΩ resistor or left open-circuit (high impedance). The output stage is illustrated in
Figure 37.
Figure 37. Output Stage During Power Down
All linear circuitry is shut down when the power-down mode is activated. However, the contents of the DAC
register are unaffected when in power-down. The time to exit power down is typically 2.5 µs for VDD = 5 V and 5
µs for VDD = 3 V. (See the Typical Curves section for additional information.)
The DAC5574 offers a flexible power-down interface based on channel register operation. A channel consists of
a single 8-bit DAC with power-down circuitry, a temporary storage register (TR) and a DAC register (DR). TR and
DR are both 10 bits wide. Two MSBs represent the power-down condition and the 8 LSBs represent data for TR
and DR. By using bits 9 and 8 of TR and DR, a power-down condition can be temporarily stored and used just
like data. Internal circuits ensure that MSB[7] and MSB[6] get transferred to TR[9] and TR[8] (DR[9] and DR[8])
when the power-down flag (CTRL[0] = PD0) is set. Therefore, DAC5574 treats power-down conditions like data
and all the operational modes are still valid for power down. It is possible to broadcast a power-down condition to
all the DAC5574s in the system, or it is possible to simultaneously power down a channel while updating data on
other channels.
The DAC5574 typically consumes 150µA at VDD = 5 V and 125µA at VDD = 3 V for each active channel, including
reference current consumption. Additional current consumption can occur at the digital inputs if VIH << VDD. For
most efficient power operation, CMOS logic levels are recommended at the digital inputs to the DAC. In
power-down mode, typical current consumption is 200 nA.
The DAC5574 output stage is capable of driving loads of up to 1000 pF while remaining stable. Within the offset
and gain error margins, the DAC5574 can operate rail-to-rail when driving a capacitive load. Resistive loads of 2
k
Ω can be driven by the DAC5574 while achieving a good load regulation. When the outputs of the DAC are
driven to the positive rail under resistive loading, the PMOS transistor of each Class-AB output stage can enter
into the linear region. When this occurs, the added IR voltage drop deteriorates the linearity performance of the
DAC. This only occurs within approximately the top 20 mV of the DAC's digital input-to-voltage output transfer
characteristic.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com