Electronic Components Datasheet Search
  English  ▼

X  

DAC5574 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5574
Description  QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5574 Datasheet(HTML) 1 Page - Texas Instruments

  DAC5574 Datasheet HTML 1Page - Texas Instruments DAC5574 Datasheet HTML 2Page - Texas Instruments DAC5574 Datasheet HTML 3Page - Texas Instruments DAC5574 Datasheet HTML 4Page - Texas Instruments DAC5574 Datasheet HTML 5Page - Texas Instruments DAC5574 Datasheet HTML 6Page - Texas Instruments DAC5574 Datasheet HTML 7Page - Texas Instruments DAC5574 Datasheet HTML 8Page - Texas Instruments DAC5574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
Resistor
Network
8
14
Data
Buffer A
DAC
Register A
Data
Buffer D
DAC
Register D
DAC A
DAC D
Buffer
Control
Register
Control
Power-Down
Control Logic
VOUTA
VOUTB
VOUTC
VOUTD
A0
A1
GND
I2C
Block
SCL
SDA
VDD
DAC5574
SLAS407 – DECEMBER 2003
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,
I
2
C INTERFACE DIGITAL-TO-ANALOG CONVERTER
•
Micropower Operation: 500 µA at 3 V VDD
The DAC5574 is a low-power, quad channel, 8-bit
•
Fast Update Rate: 188 kSPS
buffered voltage output DAC. Its on-chip precision
output amplifier allows rail-to-rail output swing to be
•
Per-channel Power-down Capability
achieved. The DAC5574 utilizes an I
2C compatible
•
Power-On Reset to Zero
two
wire
serial
interface
supporting
high-speed
•
2.7-V to 5.5-V Analog Power Supply
interface mode with address support of up to four
•
8-bit Monotonic
DAC5574s for a total of 16 channels on the bus.
•
I
2C™ Interface Up to 3.4 Mbps
The DAC5574 uses VDD and GND to set the output
•
Data Transmit Capability
range of the DAC. The DAC5574 incorporates a
power-on-reset circuit that ensures that the DAC
•
On-Chip Output Buffer Amplifier, Rail-to-Rail
output powers up at zero volts and remains there until
Operation
a valid write takes place to the device. The DAC5574
•
Double-Buffered Input Register
contains a per-channel power-down feature, ac-
•
Address Support for up to Four DAC5574s
cessed via the internal control register, reducing the
•
Synchronous Update Support for up to 16
current consumption of the device to 200 nA at 5 V.
Channels
The low power consumption of this part in normal
•
Operation From –40
°C to 105°C
operation makes it ideally suited to portable battery
•
Small 10 Lead MSOP Package
operated equipment. The power consumption is less
than 3mW at VDD = 5 V reducing to 1 µW in
power-down mode.
•
Process Control
TI offers a variety of data converters with I
2C
•
Data Acquisition Systems
interface. See DACx57x family of 16/12/10/8 bit,
single and quad channel DACs. Also see ADS7823
•
Closed-Loop Servo Control
and ADS1100, 12-bit octal channel and 16-bit single
•
PC Peripherals
channel ADCs.
•
Portable Instrumentation
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of Philips Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5574 TI1-DAC5574 Datasheet
719Kb / 32P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5574 TI2-DAC5574 Datasheet
857Kb / 35P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DECEMBER 2003
DAC5574IDGS TI1-DAC5574IDGS Datasheet
719Kb / 32P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5574IDGS TI2-DAC5574IDGS Datasheet
857Kb / 35P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DECEMBER 2003
DAC5574IDGS.B TI2-DAC5574IDGS.B Datasheet
857Kb / 35P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DECEMBER 2003
More results

Similar Description - DAC5574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8574 TI-DAC8574 Datasheet
949Kb / 1P
QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5573 TI-DAC5573 Datasheet
499Kb / 30P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC5574 TI1-DAC5574 Datasheet
719Kb / 32P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5573 TI1-DAC5573_16 Datasheet
1Mb / 35P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI1-DAC6574_16 Datasheet
1Mb / 34P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com