Electronic Components Datasheet Search
  English  ▼

X  

DAC5574 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5574
Description  QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5574 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5574 Datasheet HTML 6Page - Texas Instruments DAC5574 Datasheet HTML 7Page - Texas Instruments DAC5574 Datasheet HTML 8Page - Texas Instruments DAC5574 Datasheet HTML 9Page - Texas Instruments DAC5574 Datasheet HTML 10Page - Texas Instruments DAC5574 Datasheet HTML 11Page - Texas Instruments DAC5574 Datasheet HTML 12Page - Texas Instruments DAC5574 Datasheet HTML 13Page - Texas Instruments DAC5574 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
THEORY OF OPERATION
D/A SECTION
_
+
Resistor String
Ref+
Ref-
DAC Register
VOUT
50 kW
50 kW
VDD
GND
70 kW
V
OUT
+ VDD
D
256
RESISTOR STRING
VDD
To Output
Amplifier
R
R
R
R
GND
Output Amplifier
I
2C Interface
DAC5574
SLAS407 – DECEMBER 2003
The architecture of the DAC5574 consists of a string DAC followed by an output buffer amplifier. Figure 27
shows a generalized block diagram of the DAC architecture.
Figure 27. R-String DAC Architecture
The input coding to the DAC5574 is unsigned binary, which gives the ideal output voltage as:
Where D = decimal equivalent of the binary code that is loaded to the DAC register; it can range from 0 to 255.
The resistor string section is shown in Figure 28. It is basically a divide-by-2 resistor, followed by a string of
resistors, each of value R. The code loaded into the DAC register determines at which node on the string the
voltage is tapped off to be fed into the output amplifier by closing one of the switches connecting the string to the
amplifier. Because the architecture consists of a string of resistors, it is specified monotonic.
Figure 28. Typical Resistor String
The output buffer is a gain-of-2 noninverting amplifiers, capable of generating rail-to-rail voltages on its output,
which gives an output range of 0V to VDD. It is capable of driving a load of 2 kΩ in parallel with 1000 pF to GND.
The source and sink capabilities of the output amplifier can be seen in the typical curves. The slew rate is 1 V/µs
with a half-scale settling time of 6µs with the output unloaded.
I
2C is a 2-wire serial interface developed by Philips Semiconductor (see I2C-Bus Specification, Version 2.1,
January 2000). The bus consists of a data line (SDA) and a clock line (SCL) with pullup structures. When the bus
is idle, both SDA and SCL lines are pulled high. All the I
2C compatible devices connect to the I2C bus through
open drain I/O pins, SDA and SCL. A master device, usually a microcontroller or a digital signal processor,
controls the bus. The master is responsible for generating the SCL signal and device addresses. The master also
generates specific conditions that indicate the START and STOP of data transfer. A slave device receives and/or
transmits data on the bus under control of the master device.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com