Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 43Page - Cypress Semiconductor BCM4354 Datasheet HTML 44Page - Cypress Semiconductor BCM4354 Datasheet HTML 45Page - Cypress Semiconductor BCM4354 Datasheet HTML 46Page - Cypress Semiconductor BCM4354 Datasheet HTML 47Page - Cypress Semiconductor BCM4354 Datasheet HTML 48Page - Cypress Semiconductor BCM4354 Datasheet HTML 49Page - Cypress Semiconductor BCM4354 Datasheet HTML 50Page - Cypress Semiconductor BCM4354 Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 165 page
background image
Document Number: 002-14809 Rev. *J
Page 47 of 165
CYW4354
■ High Cut: A programmable high-cut filter is provided to reduce the amount of high-frequency noise caused by static in the output
audio signal. Like the soft mute circuit, it is fully programmable to allow for any amount of high cut based on the FM signal C/N.
■ Audio Pause Detect: The FM receiver monitors the magnitude of the audio signal and notifies the host through an interrupt when
the magnitude of the signal has fallen below the threshold set for a programmable period. This feature can be used to provide
alternate frequency jumps during periods of silence to minimize disturbances to the listener. Filtering techniques are used within the
audio pause detection block to provide more robust presence-to-silence detection and silence-to-presence detection.
■ Automatic Antenna Tuning: The CYW4354 has an on-chip automatic antenna tuning network. When used with a single off-chip
inductor, the on-chip circuitry automatically chooses an optimal on-chip matching component to obtain the highest signal strength
for the desired frequency. The high-Q nature of this matching network simultaneously provides out-of-band blocking protection as
well as a reduction of radiated spurious emissions from the FM antenna. It is designed to accommodate a wide range of external
wire antennas.
8.9 RDS/RBDS
The CYW4354 integrates a RDS/RBDS modem and codec, the decoder includes programmable filtering and buffering functions, and
the encoder includes the option to encode messages to PS or RT frame format with programmable scrolling in PS mode. The RDS/
RBDS data can be read out in receive mode or delivered in transmit mode through either the HCI interface.
In addition, the RDS/RBDS functionality supports the following:
Receive
■ Block decoding, error correction and synchronization
■ Flywheel synchronization feature, allowing the host to set parameters for acquisition, maintenance, and loss of sync. (It is possible
to set up the CYW4354 such that synch is achieved when a minimum of two good blocks (error free) are decoded in sequence. The
number of good blocks required for sync is programmable.)
■ Storage capability up to 126 blocks of RDS data
■ Full or partial block B match detect and interrupt to host
■ Audio pause detection with programmable parameters
■ Program Identification (PI) code detection and interrupt to host
■ Automatic frequency jump
■ Block E filtering
■ Soft mute
■ Signal dependent mono/stereo blend
■ Programmable pre-emphasis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com